Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85320AMILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS85320AMILF
Description  LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85320AMILF Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS85320AMILF Datasheet HTML 1Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 2Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 3Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 4Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 5Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 6Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 7Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 8Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION B 12/19/14
85320 DATA SHEET
3
LVCMOS/LVTTL-TO-DIFFERENTIAL
3.3V, 2.5V LVPECL TRANSLATOR
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC
= 3.3V±5% OR 2.5V±5%, TA = -40°C TO 85°C
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC
= 3.3V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
I
EE
Power Supply Current
25
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
CLK
2
V
CC
+ 0.3
V
V
IL
Input Low Voltage
CLK
-0.3
1.3
V
I
IH
Input High Current
CLK
V
CC
= V
IN
= 3.465V
5
µA
I
IL
Input Low Current
CLK
V
CC
= V
IN
= 3.465V
-150
µA
TABLE 3D. LVPECL DC CHARACTERISTICS, V
CC
= 3.3V±5% OR 2.5V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CC
- 1.4
V
CC
- 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CC
- 2.0
V
CC
- 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50Ω to V
CC
- 2V.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC
+ 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance, θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
CLK
1.6
V
CC
+ 0.3
V
V
IL
Input Low Voltage
CLK
-0.3
0.9
V
I
IH
Input High Current
CLK
V
CC
= V
IN
= 2.625V
5
µA
I
IL
Input Low Current
CLK
V
CC
= V
IN
= 2.625V
-150
µA
TABLE 3C. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC
= 2.5V±5%, TA = -40°C TO 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com