Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85320AMILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS85320AMILF
Description  LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85320AMILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS85320AMILF Datasheet HTML 7Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 8Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 9Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 10Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 11Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 12Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 13Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 14Page - Integrated Device Technology ICS85320AMILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REVISION B 12/19/14
85320 DATA SHEET
11
LVCMOS/LVTTL-TO-DIFFERENTIAL
3.3V, 2.5V LVPECL TRANSLATOR
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 4.
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination
voltage of V
CC
- 2V.
•
For logic high, V
OUT = VOH_MAX = VCC_MAX – 1.0V
(V
CC_MAX - VOH_MAX
) = 1.0V
•
For logic low, V
OUT = VOL_MAX = VCC_MAX – 1.7V
(V
CC_MAX - VOL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX – (VCC_MAX - 2V))/RL] * (VCC_MAX - VOH_MAX) = [(2V - (VCC_MAX - VOH_MAX
))/R
L
] * (V
CC_MAX - VOH_MAX) =
[(2V - 1V)/50Ω] * 1V = 20.0mW
Pd_L = [(V
OL_MAX – (VCC_MAX - 2V))/RL] * (VCC_MAX - VOL_MAX) = [(2V - (VCC_MAX - VOL_MAX
))/R
L
] * (V
CC_MAX - VOL_MAX) =
[(2V - 1.7V)/50Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
FIGURE 4. LVPECL DRIVER CIRCUIT AND TERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com