Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30MUX Datasheet(PDF) 15 Page - ON Semiconductor

Part # FSUSB30MUX
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30MUX Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FSUSB30MUX Datasheet HTML 11Page - ON Semiconductor FSUSB30MUX Datasheet HTML 12Page - ON Semiconductor FSUSB30MUX Datasheet HTML 13Page - ON Semiconductor FSUSB30MUX Datasheet HTML 14Page - ON Semiconductor FSUSB30MUX Datasheet HTML 15Page - ON Semiconductor FSUSB30MUX Datasheet HTML 16Page - ON Semiconductor FSUSB30MUX Datasheet HTML 17Page - ON Semiconductor FSUSB30MUX Datasheet HTML 18Page - ON Semiconductor FSUSB30MUX Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
14
Physical Dimensions
Figure 17. 10-Lead MicroPak, 1.6 x 2.1mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
2X
2X
NOTES:
A. PACKAGE CONFORMS TO JEDEC
REGISTRATION MO-255, VARIATION UABD .
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. PRESENCE OF CENTER PAD IS PACKAGE
SUPPLIER DEPENDENT. IF PRESENT IT
IS NOT INTENDED TO BE SOLDERED AND
HAS A BLACK OXIDE FINISH.
E. DRAWING FILENAME: MKT-MAC10Arev5.
0.10 C
0.10 C
0.10
CA B
0.05
C
PIN1 IDENT IS
2X LONGER THAN
OTHER LINES
A
B
C
0.35
0.25
9X
9X
14
9
6
0.25
0.15
10
5
0.50
0.56
1.62
0.05
0.00
0.05 C
0.55 MAX
0.05 C
1.60
2.10
(0.35)
(0.25)
0.50
10X
10X
(0.11)
1.12
1.62
KEEPOUT ZONE, NO TRACES
OR VIAS ALLOWED
(0.20)
(0.15)
0.35
0.25
0.35
0.25
DETAIL A
DETAIL A 2X SCALE
0.35
0.25
0.65
0.55
D
ALL FEATURES
(0.36)
(0.29)
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com