Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30MUX Datasheet(PDF) 17 Page - ON Semiconductor

Part # FSUSB30MUX
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30MUX Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FSUSB30MUX Datasheet HTML 11Page - ON Semiconductor FSUSB30MUX Datasheet HTML 12Page - ON Semiconductor FSUSB30MUX Datasheet HTML 13Page - ON Semiconductor FSUSB30MUX Datasheet HTML 14Page - ON Semiconductor FSUSB30MUX Datasheet HTML 15Page - ON Semiconductor FSUSB30MUX Datasheet HTML 16Page - ON Semiconductor FSUSB30MUX Datasheet HTML 17Page - ON Semiconductor FSUSB30MUX Datasheet HTML 18Page - ON Semiconductor FSUSB30MUX Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
16
Physical Dimensions
Figure 19. 10-Lead, Quad, Ultrathin Molded Leadless Package (UMLP), 1.4 x 1.8mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
A
B
C
SEATING
PLANE
DETAIL A
PIN#1 IDENT
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP10Arev3.
TOP VIEW
BOTTOM VIEW
0.15 C
0.08 C
0.15 C
2X
2X
SIDE VIEW
0.10 C
0.05
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
10
1.40
1.80
0.40
0.15
0.25
(10X)
0.35
0.45
(9X)
1.70
2.10
0.40
0.663
0.563
(9X)
0.225
(10X)
1
0.152
0.10
0.10
0.55
0.45
0.10
DETAIL A
SCALE : 2X
1.85
1.45
0.55
0.40
0.225
(10X)
9X
0.45
PIN#1 IDENT
OPTIONAL MINIMIAL
TOE LAND PATTERN
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
PACKAGE
EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com