Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB40 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB40
Description  Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB40 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB40 Datasheet HTML 2Page - ON Semiconductor FSUSB40 Datasheet HTML 3Page - ON Semiconductor FSUSB40 Datasheet HTML 4Page - ON Semiconductor FSUSB40 Datasheet HTML 5Page - ON Semiconductor FSUSB40 Datasheet HTML 6Page - ON Semiconductor FSUSB40 Datasheet HTML 7Page - ON Semiconductor FSUSB40 Datasheet HTML 8Page - ON Semiconductor FSUSB40 Datasheet HTML 9Page - ON Semiconductor FSUSB40 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB40 • Rev. 1.0.8
5
AC Electrical Characteristics
All typical value are for VCC=3.3V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tON
Turn-On Time
S, /OE to Output
RL
=50Ω, C
L=5pF
VSW=0.8V
Figure 6, Figure 7
3.0 to 3.6
13
30
ns
tOFF
Turn-Off Time
S, /OE to Output
RL
=50Ω, C
L=5pF
VSW=0.8V
Figure 6, Figure 7
3.0 to 3.6
12
25
ns
tPD
Propagation Delay
(5)
CL=5 pF, RL
=50Ω
Figure 6, Figure 8
3.3
0.25
ns
tBBM
Break-Before-Make
RL
=50Ω, C
L=5pF
VSW1=VSW2=0.8V
Figure 12
3.0 to 3.6
2.0
6.5
ns
OIRR
Off Isolation
RL
=50Ω, f=240MHz
Figure 14
3.0 to 3.6
-30
dB
Xtalk
Non-Adjacent Channel
Crosstalk
RL
=50Ω, f=240MHz
Figure 15
3.0 to 3.6
-45
dB
BW
-3db Bandwidth
RL
=50Ω, C
L=0pF
Figure 13
3.0 to 3.6
720
MHz
RL
=50Ω, C
L=5pF
Figure 13
550
MHz
Note:
5.
Guaranteed by characterization.
USB Hi-Speed-Related AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tSK(P)
Skew of Opposite Transitions
of the Same Output
(6)
CL=5pF, RL
=50Ω
Figure 9
3.0 to 3.6
20
ps
tJ
Total Jitter
(6)
RL=50
Ω, C
L=5pf,
tR=tF=500ps (10-90%) at
480Mbps
(PRBS=2
15
– 1)
3.0 to 3.6
200
ps
Note:
6.
Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC=0V
1.5
pF
CON
D+/D- On Capacitance
VCC=3.3V, /OE=0V, f=1MHz
Figure 11
5.9
6.5
COFF
D1n, D2n Off Capacitance
VCC and /OE=3.3V
Figure 10
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com