Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB40 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB40
Description  Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB40 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB40 Datasheet HTML 1Page - ON Semiconductor FSUSB40 Datasheet HTML 2Page - ON Semiconductor FSUSB40 Datasheet HTML 3Page - ON Semiconductor FSUSB40 Datasheet HTML 4Page - ON Semiconductor FSUSB40 Datasheet HTML 5Page - ON Semiconductor FSUSB40 Datasheet HTML 6Page - ON Semiconductor FSUSB40 Datasheet HTML 7Page - ON Semiconductor FSUSB40 Datasheet HTML 8Page - ON Semiconductor FSUSB40 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
March 2013
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB40 • Rev. 1.0.8
FSUSB40
— Low-Power, Two-Port, Hi-Speed,
USB2.0 (480Mbps) Switch
Features
Low On Capacitance: 5.9pF Typical
Low On Resistance: 3.9Ω Typical
Low Power Consumption: 1μA Maximum
- 15μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 720MHz
Packaged in:
- 10-Lead MicroPak™ (1.6 x 2.1mm)
- 10-Lead UMLP (1.4 x 1.8mm)
8kV ESD Rating, >16kV Power/GND ESD Rating
Power-Off Protection on All Ports When V
CC=0V
- D+/D- Pins Tolerate up to 5.25V
Over-Voltage Tolerance (OVT) on all USB Ports
Up to 5.25V without External Components
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB40 is a bi-directional, low-power, two-port,
Hi-Speed, USB2.0 switch. Configured as a double-pole,
double-throw switch (DPDT) switch, it is optimized for
switching between two Hi-Speed (480Mbps) sources or
a Hi-Speed and Full-Speed (12Mbps) source.
The FSUSB40 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 5.9pF. The wide bandwidth of this device
(720MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and
phase
distortion.
Superior
channel-to-channel
crosstalk also minimizes interference.
The FSUSB40 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This device is
designed to minimize current consumption even when
the control voltage applied to the SEL pin is lower than
the supply voltage (VCC). This feature is especially
valuable to ultra-portable applications, such as cell
phones, allowing for direct interface with the general-
purpose
I/Os
of
the
baseband
processor.
Other
applications include switching and connector sharing in
portable cell phones, PDAs, digital cameras, printers,
and notebook computers.
Ordering Information
Part Number
Top Mark
Operating
Temperature Range
Eco Status
Package
FSUSB40L10X
HD
-40 to +85°C
RoHS
10-
Lead MicroPak™ 1.6 x 2.1mm,
JEDEC MO-255B
FSUSB40UMX
HC
-40 to +85°C
Green
10-Lead, Quad, Ultrathin Molded
Leadless Package (UMLP), 1.4 x 1.8mm
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
For F
airchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com