Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB42 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB42
Description  Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB42 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB42 Datasheet HTML 1Page - ON Semiconductor FSUSB42 Datasheet HTML 2Page - ON Semiconductor FSUSB42 Datasheet HTML 3Page - ON Semiconductor FSUSB42 Datasheet HTML 4Page - ON Semiconductor FSUSB42 Datasheet HTML 5Page - ON Semiconductor FSUSB42 Datasheet HTML 6Page - ON Semiconductor FSUSB42 Datasheet HTML 7Page - ON Semiconductor FSUSB42 Datasheet HTML 8Page - ON Semiconductor FSUSB42 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.onsemi.com
5
AC Electrical Characteristics
All typical value are for VCC=3.3 V at TA=25°C unless otherw ise specified.
Symbol
Parameter
Condition
VCC (V)
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
tON
Turn-On Time
S, /OE to Output
RL=50 Ω, CL=5 pF, VSW=0.8 V,
Figure 6, Figure 7
2.4
24
40
ns
3.0 to 3.6
13
30
tOFF
Turn-Off Time
S, /OE to Output
RL=50 Ω, CL=5 pF, VSW=0.8 V,
Figure 6, Figure 7
2.4
15
35
ns
3.0 to 3.6
12
25
tPD
Propagation Delay
8
CL=5 pF, RL=50 Ω, Figure 6,
Figure 8
3.3
0.25
ns
tBBM
Break-Before-Make
RL=50 Ω, CL=5 pF,
VSW1=VSW2=0.8 V, Figure 10
2.4
2.0
10
ns
3.0 to 3.6
2.0
6.5
OIRR
Off Isolation
RL=50 Ω, f=240 MHz, Figure 12
3.0 to 3.6
-30
dB
Xtalk
Non-Adjacent Channel
Crosstalk
RL=50 Ω, f=240 MHz, Figure 13
3.0 to 3.6
-45
dB
BW
-3db Bandw idth
RL=50 Ω, CL=0 pF, Figure 11
3.0 to 3.6
720
MHz
RL=50 Ω, CL=5 pF, Figure 11
550
MHz
Note:
8.
Guaranteed by characterization.
USB High-Speed-Related AC Electrical Characteristics
All typical value are for VCC=3.3 V at TA=25°C unless otherw ise specified.
Symbol
Parameter
Condition
VCC (V)
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
tSK(P)
Skew of Opposite Transitions of
the Same Output
(9)
CL=5 pF, RL=50 Ω, Figure 9
20
ps
tJ
Total Jitter
(9)
RL=50 Ω, CL=5 pF,
tR=tF=500 ps (10-90%) at
480 Mbps (PRBS=2
15 – 1)
200
ps
Note:
9.
Guaranteed by characterization.
Capacitance
Symbol
Parameter
Condition
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC=0 V
1.5
pF
CON
D+/D- On Capacitance
VCC=3.3 V, /OE=0 V, f=240 MHz,
Figure 15
3.7
COFF
D1n, D2n Off Capacitance
VCC and /OE=3.3 V, Figure 14
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com