Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB42 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSUSB42
Description  Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB42 Datasheet(HTML) 1 Page - ON Semiconductor

  FSUSB42 Datasheet HTML 1Page - ON Semiconductor FSUSB42 Datasheet HTML 2Page - ON Semiconductor FSUSB42 Datasheet HTML 3Page - ON Semiconductor FSUSB42 Datasheet HTML 4Page - ON Semiconductor FSUSB42 Datasheet HTML 5Page - ON Semiconductor FSUSB42 Datasheet HTML 6Page - ON Semiconductor FSUSB42 Datasheet HTML 7Page - ON Semiconductor FSUSB42 Datasheet HTML 8Page - ON Semiconductor FSUSB42 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2007 Semiconductor Components Industries, LLC.
Publication Order Number:
October-2017, Rev. 2
FSUSB42/D
FSUSB42
— Low-Power, Two-Port, High-Speed,
USB2.0 (480Mbps) UART Switch
Features
Low On Capacitance: 3.7 pF Typical
Low On Resistance: 3.9 Ω Typical
Low Pow er Consumption: 1 μA Maximum
- 15 μA Maximum I
CCT over an Expanded Voltage
Range (VIN=1.8 V, VCC=4.4 V)
Wide -3 db Bandw idth: > 720 MHz
Packaged in:
- 10-Lead UMLP (1.4 x 1.8 mm)
- 10-Lead MSOP
8 kV ESD Rating, >16 kV Pow er / GND ESD Rating
Over-Voltage Tolerance (OVT) on all USB Ports
Up to 5.25 V w ithout External Components
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSUSB42 is a bi-directional, low -pow er, tw o-port,
high-speed, USB2.0 sw itch. Configured as a double-
pole, double-throw sw itch (DPDT) sw itch, it is optimized
for sw itching betw een any combination of high-speed
(480 Mbps) or Full-Speed (12 Mbps) sources.
The FSUSB42 is compatible w ith the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 3.7 pF. The w ide bandw idth of this device
(720 MHz) exceeds the bandw idth needed to pass the
third harmonic, resulting in signals w ith minimum edge
and
phase
distortion.
Superior
channel-to-channel
crosstalk also minimizes interference.
The FSUSB42 contains special circuitry on the sw itch
I/O pins for applications w here the VCC supply is
pow ered-off (VCC=0 V), w hich allow s the device to
w ithstand an over-voltage condition. This device is
designed to minimize current consumption even w hen
the control voltage applied to the SEL pin is low er than
the supply voltage (VCC). This feature is especially
valuable to ultra-portable applications, such as cell
phones, allow ing for direct interface w ith the general-
purpose
I/Os
of
the
baseband
processor.
Other
applications include sw itching and connector sharing in
portable cell phones, PDAs, digital cameras, printers,
and notebook computers.
Ordering Information
Part Number Top Mark
Operating Temperature
Range
Package
FSUSB42UMX
HE
-40 to +85°C
10-Lead, Quad, Ultrathin Molded Leadless Package
(UMLP), 1.4 x 1.8 mm
FSUSB42MUX
FSUSB42
-40 to +85°C
10-Lead, Molded Small-Outline Package (MSOP)
JEDEC MO-187, 3.0 mm Wide
HSD1+
HSD2+
HSD1-
HSD2-
D-
D+
Control
Sel
/OE
Figure 1. Analog Sym bol


Similar Part No. - FSUSB42

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
TECH PUBLIC Electronics...
FSUSB42MUX-TP TECHPUBLIC-FSUSB42MUX-TP Datasheet
3Mb / 7P
High Speed USB 2.0 (480Mbps) DPDT Analog Switch
logo
Fairchild Semiconductor
FSUSB42MUX FAIRCHILD-FSUSB42MUX_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
More results

Similar Description - FSUSB42

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
FSUSB104 ONSEMI-FSUSB104 Datasheet
230Kb / 9P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com