Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB74 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB74
Description  4:1 High-Speed USB Multiplexer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB74 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB74 Datasheet HTML 1Page - ON Semiconductor FSUSB74 Datasheet HTML 2Page - ON Semiconductor FSUSB74 Datasheet HTML 3Page - ON Semiconductor FSUSB74 Datasheet HTML 4Page - ON Semiconductor FSUSB74 Datasheet HTML 5Page - ON Semiconductor FSUSB74 Datasheet HTML 6Page - ON Semiconductor FSUSB74 Datasheet HTML 7Page - ON Semiconductor FSUSB74 Datasheet HTML 8Page - ON Semiconductor FSUSB74 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
4
DC Electrical Characteristics
All typical values are for VCC=3.3V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
RON
(3)
HS Switch On Resistance
VSW=0.4V, ION=-8mA, Figure 5
3.3
6.5
9.0

∆RON(3) HS Delta Ron(4)
VSW=0.4V, ION=-8mA
3.3
0.5

IIN
Control Input Leakage
All Combinations of /OE, SEL1 & SEL0
in the Truth Table (1=VCC, 0=0V)
4.4
-1
1
µA
IOZ
Off State Leakage
0
Dn, HSD0n, HSD1n, HSD2n,
HSD3n
4.4V
4.4
-1
1
µA
IOFF
Power-Off Leakage Current
(All I/O Ports)
VSW=0V to 4.4V, VCC=0V, Figure 6
0
-1
1
µA
ICCSLP
Sleep Mode Supply Current
/OE=VCC
4.4
1
µA
ICCACT
Active Mode Supply Current
All Active Modes in Truth Table
4.4
9
18
µA
ICCT
Increase in ICC Current per
Control Input and VCC
VCNTRL=1.8V
4.4
3.3
4.0
µA
VCNTRL=1.2V
4.4
4.9
6.0
µA
VIK
Clamp Diode Voltage
IIN=-18mA
2.5
-1.2
V
VIH
Control Input Voltage High
SEL1, SEL0, /OE
2.5 to 4.4
1.0
V
VIL
Control Input Voltage Low
SEL1, SEL0, /OE
2.5 to 4.4
0.35
V
Notes:
3.
Measured by the voltage drop between HSDn and Dn pins at the indicated current through the switch. On resistance is
determined by the lower of the voltage on the two (HSDn or Dn ports).
4.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com