Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB74 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB74
Description  4:1 High-Speed USB Multiplexer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB74 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB74 Datasheet HTML 1Page - ON Semiconductor FSUSB74 Datasheet HTML 2Page - ON Semiconductor FSUSB74 Datasheet HTML 3Page - ON Semiconductor FSUSB74 Datasheet HTML 4Page - ON Semiconductor FSUSB74 Datasheet HTML 5Page - ON Semiconductor FSUSB74 Datasheet HTML 6Page - ON Semiconductor FSUSB74 Datasheet HTML 7Page - ON Semiconductor FSUSB74 Datasheet HTML 8Page - ON Semiconductor FSUSB74 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
FSUSB74
4:1 High-Speed USB Multiplexer/Switch
Features
Switch Type
4:1
USB
USB 2.0 High–Speed Compliant
USB 2.0 Full-Speed Compliant
RON
6.5
Ω
CON
7.5pF
ESD (IEC61000-4-2)
15kV (Air)
8kV (Contact)
VCC
2.7 to 4.4V
ICCSLP
<1µA
ICCACT
9µA
Package
16- Lead UMLP 1.80 x 2.60 x
0.55mm, 0.40mm Pitch
16-Lead MLP 3 x 3 x 0.7mm,
0.5mm Pitch
Ordering Information
FSUSB74UMX (UMLP)
FSUSB74MPX (MLP)
Description
The FSUSB74 is a bi-directional, low-power, high-speed
USB 2.0 4:1 MUX. It is optimized for switching from four
high-speed (480Mbps) sources or any combination of high-
speed and full-/low-speed USB/UART sources to one USB
2.0 connector.
Applications
MP3 Portable Media Players
Cellular Phones, Smart Phones
Netbooks, Mobile Internet Devices (MID)
Related Resources
For samples and questions, please contact:
Analog.Switch@fairchildsemi.com.
FSUSB74 Demonstration Board
FSUSB74 Evaluation Board
Typical Application
Figure 1. Mobile Phone Example
4:1
MUX
4G
µProcessor
3G
µProcessor
PMIC
Application
µProcessor
USB Port
FSUSB74
HS-USB #1
HS-USB #2
HS-USB #3
HS-USB #4
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com