Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB104 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSUSB104
Description  Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB104 Datasheet(HTML) 4 Page - ON Semiconductor

  FSUSB104 Datasheet HTML 1Page - ON Semiconductor FSUSB104 Datasheet HTML 2Page - ON Semiconductor FSUSB104 Datasheet HTML 3Page - ON Semiconductor FSUSB104 Datasheet HTML 4Page - ON Semiconductor FSUSB104 Datasheet HTML 5Page - ON Semiconductor FSUSB104 Datasheet HTML 6Page - ON Semiconductor FSUSB104 Datasheet HTML 7Page - ON Semiconductor FSUSB104 Datasheet HTML 8Page - ON Semiconductor FSUSB104 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.onsemi.com
4
DC Electrical Characteristics
All typical values are at 25°C unless otherw ise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN=-18 mA
3.0
-1.2
V
VIH
Input Voltage High
3.0 to 3.6
1.3
V
4.3
1.7
V
VIL
Input Voltage Low
3.0 to 3.6
0.5
V
4.3
0.7
V
IIN
Control Input Leakage
VSW=0 to VCC
4.3
-1
1
µA
IOZ
Off State Leakage
0
≤ Dn, HSD1n, HSD2n
≤ 3.6V
4.3
-2
2
µA
IOFF
Pow er-Off Leakage Current
(All I/O Ports)
VSW=0 V to 4.3 V, VCC=0 V
Figure 4
0
-2
2
µA
RON
HS Sw itch On Resistance
(
3
)
VSW=0.4 V, ION=-8 mA
Figure 3,
3.0
3.9
6.5
Ω
∆RON
HS Delta Ron
(
4
)
VSW=0.4 V, ION=-8 mA
3.0
0.65
Ω
ICC
Quiescent Supply Current
VCNTRL=0 or VCC, IOUT=0
4.3
1.0
µA
ICCT
Increase in ICC Current per
Control Voltage and VCC
VCNTRL =2.6 V, VCC=4.3 V
4.3
10.0
µA
VCNTRL =1.8 V, VCC=4.3 V
4.3
15.0
µA
Notes:
3.
Measured by the voltage drop betw een HSDn and Dn pins at the indicated current through the sw itch.
On resistance is determined by the low er of the voltage on the tw o (HSDn or Dn ports).
4.
Guaranteed by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com