Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB104 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSUSB104
Description  Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB104 Datasheet(HTML) 1 Page - ON Semiconductor

  FSUSB104 Datasheet HTML 1Page - ON Semiconductor FSUSB104 Datasheet HTML 2Page - ON Semiconductor FSUSB104 Datasheet HTML 3Page - ON Semiconductor FSUSB104 Datasheet HTML 4Page - ON Semiconductor FSUSB104 Datasheet HTML 5Page - ON Semiconductor FSUSB104 Datasheet HTML 6Page - ON Semiconductor FSUSB104 Datasheet HTML 7Page - ON Semiconductor FSUSB104 Datasheet HTML 8Page - ON Semiconductor FSUSB104 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2008 Semiconductor Components Industries, LLC.
Publication Order Number:
November-2017, Rev. 2
FSUSB104/D
FSUSB104 — Low-Power, Two-Port, Hi-Speed,
USB2.0 (480 Mbps) Switch
Features
Low On Capacitance: 3.7 pF Typical
Low On Resistance: 3.9 Ω Typical
Low Pow er Consumption: 1 μA Maximum
- 15
μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8 V, VCC=4.3 V)
Wide -3 db Bandw idth: > 720 MHz
Packaged in Pb-free 10-Lead UMLP (1.4 x 1.8 mm)
8 kV ESD Rating, >16 kV Pow er/GND ESD Rating
Pow er-Off Protection on All Ports When V
CC=0 V
- D+/D- Pins Tolerate up to 5.25 V
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSUSB104 is a bi-directional, low -pow er, tw o-port,
Hi-Speed, USB2.0 sw itch. Configured as a double-pole,
double-throw sw itch (DPDT) sw itch, it is optimized for
sw itching betw een tw o Hi-Speed (480 Mbps) sources or
a Hi-Speed and Full-Speed (12 Mbps) source.
The FSUSB104 is compatible w ith the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 3.7 pF. The w ide bandw idth of this device
(720 MHz) exceeds the bandw idth needed to pass the
third harmonic, resulting in signals w ith minimum edge
and
phase
distortion.
Superior
channel-to-channel
crosstalk also minimizes interference.
The FSUSB104 contains special circuitry on the sw itch
I/O pins for applications w here the VCC supply is
pow ered-off
(VCC=0), w hich allow s the device to
w ithstand an over-voltage condition. This device is
designed to minimize current consumption even w hen
the control voltage applied to the SEL pin is low er than
the supply voltage (VCC). This feature is especially
valuable to ultra-portable applications, such as cell
phones, allow ing for direct interface w ith the general-
purpose
I/Os
of
the
baseband
processor.
Other
applications include sw itching and connector sharing in
portable cell phones, PDAs, digital cameras, printers,
and notebook computers.
Ordering Information
Part Number
Top
Mark
Operating Temperature
Range
Package
FSUSB104UMX
JF
-40 to +85°C
10-Lead, Quad, Ultrathin Molded Leadless Package
(UMLP), 1.4 x 1.8 mm
Figure 1. Analog Sym bol
HSD1+
HSD2+
HSD1-
HSD2-
D-
D+
Control
Sel
/OE


Similar Part No. - FSUSB104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104UMX FAIRCHILD-FSUSB104UMX Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
More results

Similar Description - FSUSB104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB42 ONSEMI-FSUSB42 Datasheet
584Kb / 10P
Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
October-2017, Rev. 2
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com