Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312DBVR
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312DBVR Datasheet(HTML) 3 Page - Texas Instruments

  ESDS312DBVR Datasheet HTML 1Page - Texas Instruments ESDS312DBVR Datasheet HTML 2Page - Texas Instruments ESDS312DBVR Datasheet HTML 3Page - Texas Instruments ESDS312DBVR Datasheet HTML 4Page - Texas Instruments ESDS312DBVR Datasheet HTML 5Page - Texas Instruments ESDS312DBVR Datasheet HTML 6Page - Texas Instruments ESDS312DBVR Datasheet HTML 7Page - Texas Instruments ESDS312DBVR Datasheet HTML 8Page - Texas Instruments ESDS312DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1
3
5
4
GND
2
I/O1
I/O3
I/O4
I/O2
2.9
1.6
2.8
1
3
5
4
GND
2
NC
I/O1
I/O2
NC
2.8
2.9
1.6
3
ESDS312, ESDS314
www.ti.com
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
ESDS312 DBV Package
5-Pin SOT23
Top View
ESDS314 DBV Package
5-Pin SOT23
Top View
Pin Functions for ESDS312
PIN
TYPE
DESCRIPTION
NAME
NO.
I/O1
4
I/O
Surge/ESD protected channels. Connect to the lines being protected.
I/O2
5
GND
2
GND
Ground. Connect to ground.
NC
1
NC
Not connected; Used for optional straight-through routing. Can be left floating or
grounded
NC
3
Pin Functions for ESDS314
PIN
TYPE
DESCRIPTION
Name
No.
I/O1
1
I/O
Surge/ESD protected channels. Connect to the lines being protected.
I/O2
3
I/O3
4
I/O4
5
GND
2
GND
Ground. Connect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com