Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312DBVR
Description  Data-Line Surge and ESD Protection Diode Array
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESDS312DBVR Datasheet HTML 7Page - Texas Instruments ESDS312DBVR Datasheet HTML 8Page - Texas Instruments ESDS312DBVR Datasheet HTML 9Page - Texas Instruments ESDS312DBVR Datasheet HTML 10Page - Texas Instruments ESDS312DBVR Datasheet HTML 11Page - Texas Instruments ESDS312DBVR Datasheet HTML 12Page - Texas Instruments ESDS312DBVR Datasheet HTML 13Page - Texas Instruments ESDS312DBVR Datasheet HTML 14Page - Texas Instruments ESDS312DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
ESDS312, ESDS314
www.ti.com
SLVSEG9B – MAY 2018 – REVISED SEPTEMBER 2018
Product Folder Links: ESDS312 ESDS314
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The ESDS314, ESDS312 devices are passive ESD devices and there is no need to power it. Take care not to
violate the recommended I/O specification (0 V to 3.6 V) to ensure the device functions properly.
10 Layout
10.1 Layout Guidelines
•
The optimum placement is as close to the connector as possible.
–
EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
–
The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
•
Route the protected traces as straight as possible.
•
Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
–
Electric fields tend to build up on corners, increasing EMI coupling.
10.2 Layout Example
Figure 15. Layout Example for 4-channel Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com