Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G04DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVT
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
1A
2A
1Y
2Y
GND
1
4
2
3
6
5
VCC
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
SN74LVC2G04
www.ti.com
SCES195N – APRIL 1999 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DBV Package
DCK Package
6-Pin SOT-23
6-Pin SC70
Top View
Top View
DRL Package
YZP Package
6-Pin SOT
6-Pin DSBGA
Top View
Bottom View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
I
Inverter 1 input
1Y
6
O
Inverter 1 output
2A
3
I
Inverter 2 input
2Y
4
O
Inverter 2 output
GND
2
—
Ground
VCC
5
—
Power
(1)
See Mechanical, Packaging, and Orderable Information for dimensions.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com