Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G04DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVT
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN74LVC2G04
www.ti.com
SCES195N – APRIL 1999 – REVISED AUGUST 2015
Recommended Operating Conditions (continued)
See
(1).
MIN
MAX
UNIT
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
SN74LVC2G04
THERMAL METRIC(1)
DBV (SOT-23)
DCK (SC70)
DRL (SOT)
YZP (DSBGA)
UNIT
6 PINS
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
165
259
142
123
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
μA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
μA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND, –40°C to 85°C
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com