Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BMPX Datasheet(PDF) 22 Page - ON Semiconductor

Part # FUSB302BMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BMPX Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FUSB302BMPX Datasheet HTML 18Page - ON Semiconductor FUSB302BMPX Datasheet HTML 19Page - ON Semiconductor FUSB302BMPX Datasheet HTML 20Page - ON Semiconductor FUSB302BMPX Datasheet HTML 21Page - ON Semiconductor FUSB302BMPX Datasheet HTML 22Page - ON Semiconductor FUSB302BMPX Datasheet HTML 23Page - ON Semiconductor FUSB302BMPX Datasheet HTML 24Page - ON Semiconductor FUSB302BMPX Datasheet HTML 25Page - ON Semiconductor FUSB302BMPX Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
FUSB302B
www.onsemi.com
22
Table 23. CONTROL1
(Address: 07h; Reset Value: 0x0000_0000; Type: (see column below))
Bit #
Name
R/W/C
Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
ENSOP2DB
R/W
1
1:
Enable SOP”_DEBUG (SOP double prime debug) packets
0:
Ignore SOP”_DEBUG (SOP double prime debug) packets
5
ENSOP1DB
R/W
1
1:
Enable SOP _DEBUG (SOP prime debug) packets
0:
Ignore SOP _DEBUG (SOP prime debug) packets
4
BIST_MODE2
R/W
1
1:
Sent BIST Mode 01s pattern for testing
3
Reserved
N/A
1
Do Not Use
2
RX_FLUSH
W/C
1
1:
Self clearing bit to flush the content of the receive FIFO
1
ENSOP2
R/W
1
1:
Enable SOP”(SOP double prime) packets
0:
Ignore SOP”(SOP double prime) packets
0
ENSOP1
R/W
1
1:
Enable SOP (SOP prime) packets
0:
Ignore SOP (SOP prime) packets
Table 24. CONTROL2
(Address: 08h; Reset Value: 0x0000_0010; Type: (see column below))
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
TOG_SAVE_PWR2:
TOG_SAVE_PWR1
N/A
2
00: Don’t go into the DISABLE state after one cycle of toggle
01: Wait between toggle cycles for tDIS time of 40 ms
10: Wait between toggle cycles for tDIS time of 80 ms
11: Wait between toggle cycles for tDIS time of 160 ms
5
TOG_RD_ONLY
R/W
1
1:
When TOGGLE=1 only Rd values will cause the TOGGLE
state machine to stop toggling and trigger the I_TOGGLE
interrupt
0:
When TOGGLE=1, Rd and Ra values will cause the TOGGLE
state machine to stop toggling
4
Reserved
N/A
1
Do Not Use
3
WAKE_EN
R/W
1
1:
Enable Wake Detection functionality if the power state is
correct
0:
Disable Wake Detection functionality
2:1
MODE
R/W
2
11: Enable SRC polling functionality if TOGGLE=1
10: Enable SNK polling functionality if TOGGLE=1
01: Enable DRP polling functionality if TOGGLE=1
00: Do Not Use
0
TOGGLE
R/W
1
1:
Enable DRP, SNK or SRC Toggle autonomous functionality
0:
Disable DRP, SNK and SRC Toggle functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com