Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BMPX Datasheet(PDF) 28 Page - ON Semiconductor

Part # FUSB302BMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BMPX Datasheet(HTML) 28 Page - ON Semiconductor

Back Button FUSB302BMPX Datasheet HTML 24Page - ON Semiconductor FUSB302BMPX Datasheet HTML 25Page - ON Semiconductor FUSB302BMPX Datasheet HTML 26Page - ON Semiconductor FUSB302BMPX Datasheet HTML 27Page - ON Semiconductor FUSB302BMPX Datasheet HTML 28Page - ON Semiconductor FUSB302BMPX Datasheet HTML 29Page - ON Semiconductor FUSB302BMPX Datasheet HTML 30Page - ON Semiconductor FUSB302BMPX Datasheet HTML 31Page - ON Semiconductor FUSB302BMPX Datasheet HTML 32Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
FUSB302B
www.onsemi.com
28
Table 39. INTERRUPT
(Address: 42h; Reset Value: 0x0000_0000; Type: Read/Clear)
Bit #
Name
R/W/C
Size (Bits)
Description
7
I_VBUSOK
R/C
1
1:
Interrupt occurs when VBUS transitions through 4.5 V. This bit
typically is used to recognize port partner during startup
6
I_ACTIVITY
R/C
1
1:
A change in the value of ACTIVITY of the CC bus has oc-
curred
5
I_COMP_CHNG
R/C
1
1:
A change in the value of COMP has occurred. Indicates se-
lected CC line has tripped a threshold programmed into the
MDAC
4
I_CRC_CHK
R/C
1
1:
The value of CRC_CHK newly valid. I.e. The validity of the
incoming packet has been checked
3
I_ALERT
R/C
1
1:
Alert software an error condition has occurred. An alert is
caused by:
TX_FULL: the transmit FIFO is full
RX_FULL: the receive FIFO is full
See Status1 bits
2
I_WAKE
R/C
1
1:
Voltage on CC indicated a device attempting to attach.
Software must then power up the clock and receiver blocks
1
I_COLLISION
R/C
1
1:
When a transmit was attempted, activity was detected on the
active CC line. Transmit is not done. The packet is received
normally
0
I_BC_LVL
R/C
1
1:
A change in host requested current level has occurred
Table 40. FIFOS
(Address: 43h; Reset Value: 0x0000_0000; Type: (see column below))
Bit #
Name
R/W/C
Size (Bits)
Description
7:0
TX/RX Token
Read or
Write
8
Writing to this register writes a byte into the transmit FIFO.
Reading from this register reads from the receive FIFO.
Each byte is a coded token. Or a token followed by a fixed number
of packed data byte (see token coding in Table 41)
Software Model
Port software interacts with the port chip in two primary
ways:
• I2C Registers
• 8 bit data tokens sent to or received from the FIFO
register
• All reserved bits written in the TxFIFO should be 0 and
all reserved bit read from the RxFIFO should be
ignored
Transmit Data Tokens
Transmit data tokens provide in-sequence transmit
control and data for the transmit logic. Note that the token
codes, and their equivalent USB PD K-Code are not the
same. Tokens are read one at a time when they reach the end
of the TX FIFO. I.e., the specified token action is performed
before the next token is read from the TX FIFO.
The tokens are defined as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com