Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1271MF Datasheet(PDF) 52 Page - Sanken electric

Part # SCM1271MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1271MF Datasheet(HTML) 52 Page - Sanken electric

Back Button SCM1271MF Datasheet HTML 45Page - Sanken electric SCM1271MF Datasheet HTML 46Page - Sanken electric SCM1271MF Datasheet HTML 47Page - Sanken electric SCM1271MF Datasheet HTML 48Page - Sanken electric SCM1271MF Datasheet HTML 49Page - Sanken electric SCM1271MF Datasheet HTML 50Page - Sanken electric SCM1271MF Datasheet HTML 51Page - Sanken electric SCM1271MF Datasheet HTML 52Page - Sanken electric SCM1271MF Datasheet HTML 53Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
52
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
17. Typical Motor Driver Application
This section contains the information on the typical motor driver application listed in the previous section, including
a circuit diagram, specifications, and the bill of the materials used.
● Motor Driver Specifications
IC
SCM1272MF
Main Supply Voltage, VDC
300 VDC (typ.)
Rated Output Power
1.35 kW
● Circuit Diagram
See Figure16-3.
● Bill of Materials
Symbol
Part Type
Ratings
Symbol
Part Type
Ratings
C1
Electrolytic
47
μF, 50 V
D5
General
1 A, 50 V
C2
Electrolytic
47
μF, 50 V
D6
General
1 A, 50 V
C3
Electrolytic
47
μF, 50 V
D7
General
1 A, 50 V
C4
Electrolytic
100
μF, 50 V
R1*
Metal plate
18
mΩ, 2 W
C5
Ceramic
100 pF, 50 V
R2*
Metal plate
18
mΩ, 2 W
C6
Ceramic
100 pF, 50 V
R3*
Metal plate
18
mΩ, 2 W
C7
Ceramic
100 pF, 50 V
R4
General
100
Ω, 1/8 W
C8
Ceramic
100 pF, 50 V
R5
General
100
Ω, 1/8 W
C9
Ceramic
100 pF, 50 V
R6
General
100
Ω, 1/8 W
C10
Ceramic
100 pF, 50 V
R7
General
100
Ω, 1/8 W
C11
Ceramic
100 pF, 50 V
R8
General
100
Ω, 1/8 W
C13
Ceramic
4700 pF, 50 V
R9
General
100
Ω, 1/8 W
C14
Ceramic
0.1
μF, 50 V
R10
General
100
Ω, 1/8 W
C15
Ceramic
0.1
μF, 50 V
R11
General
200
Ω, 1/8 W
C16
Ceramic
0.1
μF, 50 V
R12
General
200
Ω, 1/8 W
C17
Ceramic
0.1
μF, 50 V
R13
General
200
Ω, 1/8 W
C18
Ceramic
0.1
μF, 50 V
R14*
General
Open
C19
Ceramic
0.1
μF, 50 V
R15*
General
Open
C20
Ceramic
1000 pF, 50 V
R16*
General
Open
C21
Film
0.22
μF, 630 V
R17
General
3.3 k
Ω, 1/8 W
C23*
Ceramic
0.1
μF, 50 V
R18
General
5.1 k
Ω, 1/8 W
C24*
Ceramic
0.1
μF, 50 V
R19
General
100
Ω, 1/8 W
C25*
Ceramic
0.1
μF, 50 V
SV1
Pin header
2.54 mm pitch
D1
General
1 A, 50 V
SV2
Connector
Equiv. to B2P3-VH
D2
General
1 A, 50 V
SV3
Connector
Equiv. to B3P5-VH
D3
General
1 A, 50 V
IPM1
IC
SCM1272MF
D4
Zener
VZ = 20 V, 0.5 W
* Refers to a part that requires adjustment based on operation performance in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com