Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1271MF Datasheet(PDF) 17 Page - Sanken electric

Part # SCM1271MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1271MF Datasheet(HTML) 17 Page - Sanken electric

Back Button SCM1271MF Datasheet HTML 13Page - Sanken electric SCM1271MF Datasheet HTML 14Page - Sanken electric SCM1271MF Datasheet HTML 15Page - Sanken electric SCM1271MF Datasheet HTML 16Page - Sanken electric SCM1271MF Datasheet HTML 17Page - Sanken electric SCM1271MF Datasheet HTML 18Page - Sanken electric SCM1271MF Datasheet HTML 19Page - Sanken electric SCM1271MF Datasheet HTML 20Page - Sanken electric SCM1271MF Datasheet HTML 21Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
17
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
10. Physical Dimensions
10.1. Leadform 2552
5xP1.27=6.35
5xP1.27=6.35
8xP5.1=40.8
C
C
2.57
1.27
3.7
3.24
1.27
3.7
D
D
1.27
3.7
5xP1.27=6.35
(38.6)
1.2±0.2
47±0.3
43.3±0.3
2.08±0.2
0.5
0.5
A
A
B
B
(5゚)
(5゚)
4.4±0.3
2
+0.5
0
11.2±0.5
+0.2
-0.1
0.6
+0.2
-0.1
2
C-C
B-B
0.7
1.2
+0.2
-0.1
+0.2
-0.1
A-A
D-D
Unit : mm
(Root of pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com