Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9508BCPZ
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9508BCPZ Datasheet HTML 9Page - Analog Devices AD9508BCPZ Datasheet HTML 10Page - Analog Devices AD9508BCPZ Datasheet HTML 11Page - Analog Devices AD9508BCPZ Datasheet HTML 12Page - Analog Devices AD9508BCPZ Datasheet HTML 13Page - Analog Devices AD9508BCPZ Datasheet HTML 14Page - Analog Devices AD9508BCPZ Datasheet HTML 15Page - Analog Devices AD9508BCPZ Datasheet HTML 16Page - Analog Devices AD9508BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
AD9508
Rev. G | Page 13 of 40
Pin No.
Mnemonic
Description
18
RESET
CMOS Input. Device Reset. When this active low pin is asserted, the internal register settings enter their
default state after the RESET is released. Note that RESET also serves as a power-down of the device
while an active low signal is applied to the pin. The RESET pin has an internal 24 kΩ pull-up resistor.
19
SCLK/SCL/S0
Serial Programming Clock/Data Clock/Programming Pin. Multipurpose pin controlled by the PROG_SEL
pin used for serial programming clock (SCLK) in SPI mode or data clock (SCL) for serial programming in
I2C Mode. The PROG_SEL pin determines which programming mode is used. In pin programming
mode, this pin becomes S0. In this mode, S0 is hardwired with a resistor to either VDD or ground. The
resistor value and resistor biasing determine the output divider values for the outputs on Pin 2 and Pin
3. See the Pin Strapping to Program on Power-Up section for more details.
20
SYNC
Clock Synchronization. When this pin is active low, the output drivers are held static and then
synchronized on a low-to-high transition of this pin. The SYNC pin has an internal 24 kΩ pull-up resistor.
21
CLK
Differential Clock Input or Single-Ended CMOS Input. Whether this pin serves as the differential clock
input or the single-ended CMOS input depends on the logic state of the IN_SEL pin.
22
CLK
Complementary Differential Clock Input.
23
IN_SEL
CMOS Input. A logic high configures the CLK and CLK inputs for a differential input signal. A logic low
configures the input for single-ended CMOS applied to the CLK pin. AC-couple the unused CLK to
ground with a 0.1 µF capacitor.
24
SDIO/SDA/S1
Serial Data Input and Output (SPI)/Serial Data (I2C)/Pin Programming. Pin 24 is a multipurpose input
controlled by the PROG_SEL pin used for SPI (SDIO), I2C (SDA), and pin strapping modes (S1). When the
device is in 4-wire SPI mode, data is written via SDIO. In 3-wire mode, both data reads and writes occur
on this pin. There is no internal pull-up/pull-down resistor on this pin. In I2C mode, SDA serves as the
serial data pin. The PROG_SEL pin determines which programming mode is used. In pin programming
mode, this pin becomes S1. In this mode, S1 is hardwired with a resistor to either VDD or ground. The
resistor value and resistor biasing determine the output divider values for the outputs on Pin 7 and
Pin 8. See the Pin Strapping to Program on Power-Up section for more details.
EP
Exposed Pad. The exposed die pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com