Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9508BCPZ
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9508BCPZ Datasheet HTML 10Page - Analog Devices AD9508BCPZ Datasheet HTML 11Page - Analog Devices AD9508BCPZ Datasheet HTML 12Page - Analog Devices AD9508BCPZ Datasheet HTML 13Page - Analog Devices AD9508BCPZ Datasheet HTML 14Page - Analog Devices AD9508BCPZ Datasheet HTML 15Page - Analog Devices AD9508BCPZ Datasheet HTML 16Page - Analog Devices AD9508BCPZ Datasheet HTML 17Page - Analog Devices AD9508BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9508
Data Sheet
Rev. G | Page 14 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. LVDS Differential Output Waveform at 800 MHz
Figure 4. LVDS Differential Output Waveform at 156.25 MHz
Figure 5. Power Supply Current vs. Input Frequency and Number of Outputs
Used, LVDS
Figure 6. LVDS Differential Output Swing vs. Frequency
Figure 7. LVDS Differential Output Swing vs. Power Supply Voltage
Figure 8. LVDS Propagation Delay vs. Input Differential Voltage
TIME (250ps/DIV)
TIME (1.5ns/DIV)
200
ONE OUTPUT (mA)
TWO OUTPUTS (mA)
THREE OUTPUTS (mA)
FOUR OUTPUTS (mA)
150
100
0
50
FREQUENCY (MHz)
0
400
800
1200
1600
800
FREQUENCY (MHz)
100
300
900
700
500
1100
1300
1500
700
600
500
400
800
POWER SUPPLY (V)
2.3
2.5
3.1
2.9
2.7
3.3
3.5
780
760
740
720
700
2.0
2.1
2.2
2.3
2.4
1.8
1.7
2.0
1.6
1.8
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.9
INPUT DIFFERENTIAL (V p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com