Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK905BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCLK905BCPZ-R7
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADCLK905BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADCLK905/ADCLK907/ADCLK925
Rev. B | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Typical (Typ) values are given for VCC − VEE = 3.3 V and TA = 25°C, unless otherwise noted. Minimum (Min) and maximum (Max) values are
given over the full VCC − VEE = 3.3 V ± 10% and TA = −40°C to +125°C variation, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC INPUT CHARACTERISTICS
Input Voltage High Level
VIH
VEE + 1.6
VCC
V
Input Voltage Low Level
VIL
VEE
VCC − 0.7
V
Input Differential Range
VID
0.2
3.4
V p-p
−40°C to +85°C
(±1.7 V between input pins)
VID
0.2
2.8
V p-p
85°C to 125°C
(±1.4 V between input pins)
Input Capacitance
CIN
0.4
pF
Input Resistance, Single-Ended Mode
50
Ω
Input Resistance, Differential Mode
100
Ω
Input Resistance, Common Mode
50
kΩ
Open VT
Input Bias Current
20
µA
DC OUTPUT CHARACTERISTICS
Output Voltage High Level
VOH
VCC − 1.26
VCC − 0.76
V
50 Ω to (VCC − 2.0 V)
Output Voltage Low Level
VOL
VCC − 1.99
VCC − 1.54
V
50 Ω to (VCC − 2.0 V)
Output Voltage Differential
VOD
610
1040
mV
50 Ω to (VCC − 2.0 V)
Reference Voltage
VREF
Output Voltage
(VCC + 1)/2
V
−500 µA to +500 µA
Output Resistance
250
Ω
AC PERFORMANCE
Propagation Delay
tPD
70
95
125
ps
VCC = 3.3 V ± 10%,
VICM = VREF, VID = 0.5 V p-p
70
95
125
ps
VCC = 2.5 V ± 5%,
VICM = V REF, VID = 0.5 V p-p
Propagation Delay Temperature Coefficient
50
fs/°C
Propagation Delay Skew (Output to Output)
ADCLK907
15
ps
VID = 0.5 V
Propagation Delay Skew (Output to Output)
ADCLK925
10
ps
VID = 0.5 V
Propagation Delay Skew (Device to Device)
35
ps
VID = 0.5 V
Toggle Rate
6
7.5
GHz
>0.8 V differential output swing,
VCC = 3.3 V ± 10%
6.5
GHz
>0.8 V differential output swing,
VCC = 2.5 V ± 5%
Random Jitter
RJ
60
fs rms
VID = 1600 mV, 8 V/ns, VICM = 1.85 V
Rise/Fall Time
tR/tF
30
85
ps
20%/80%
Additive Phase Noise
622.08 MHz
−138
dBc/Hz
@10 Hz offset
−144
dBc/Hz
@100 Hz offset
−152
dBc/Hz
@1 kHz offset
−159
dBc/Hz
@10 kHz offset
−161
dBc/Hz
@100 kHz offset
−161
dBc/Hz
>1 MHz offset
122.88 MHz
−135
dBc/Hz
@10 Hz offset
−145
dBc/Hz
@100 Hz offset
−153
dBc/Hz
@1 kHz offset
−160
dBc/Hz
@10 kHz offset
−161
dBc/Hz
@100 kHz offset
−161
dBc/Hz
>1 MHz offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com