Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK905BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCLK905BCPZ-R7
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCLK905BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADCLK905BCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADCLK905/ADCLK907/ADCLK925
Rev. B | Page 11 of 16
1
3
58ps/DIV
C4
2
Figure 19. 2.488 Gbps PRBS 223 − 1 with OC-48/STM-16 Mask,
Measured p-p Jitter 8.1 ps, Source p-p Jitter 3.5 ps
15ps/DIV
2
1
3
C4
Figure 20. 9.95 Gbps PRBS 223 − 1 with OC-193/STM-64 Mask,
Measured p-p Jitter 10.5 ps, Source p-p Jitter 6.0 ps
34ps/DIV
1
3
C4
2
Figure 21. 4.25 Gbps PRBS 223 − 1 with FC4250 (Optical) Mask,
Measured p-p Jitter 8.2 ps, Source p-p Jitter 3.4 ps
17ps/DIV
1
3
2
C4
Figure 22. 8.50 Gbps PRBS 223 − 1 with FC8500E ABS Beta Rx Mask,
Measured p-p Jitter 10.9 ps, Source p-p Jitter 4.4 ps
1
3
2
58ps/DIV
C4
Figure 23. 2.5 Gbps PRBS 223 − 1 with PCI Express 2.5 Rx Mask,
Measured p-p Jitter 8.1 ps, Source p-p Jitter 3.5 ps
1
3
2
29ps/DIV
C4
Figure 24. 5.0 Gbps PRBS 223 − 1 with PCI Express 5.0 Rx Mask,
Measured p-p Jitter 8.7 ps, Source p-p Jitter 3.5 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com