Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09212HT1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MML09212HT1
Description  Low Noise Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09212HT1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MML09212HT1 Datasheet HTML 17Page - NXP Semiconductors MML09212HT1 Datasheet HTML 18Page - NXP Semiconductors MML09212HT1 Datasheet HTML 19Page - NXP Semiconductors MML09212HT1 Datasheet HTML 20Page - NXP Semiconductors MML09212HT1 Datasheet HTML 21Page - NXP Semiconductors MML09212HT1 Datasheet HTML 22Page - NXP Semiconductors MML09212HT1 Datasheet HTML 23Page - NXP Semiconductors MML09212HT1 Datasheet HTML 24Page - NXP Semiconductors MML09212HT1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MML09212HT1
21
RF Device Data
NXP Semiconductors
Appendix: Application Circuits with Two--Supply Voltage (continued)
50 OHM APPLICATION CIRCUIT: 400 MHz
Figure A--3. MML09212HT1 Test Circuit Component Layout
C5
C6
RF
INPUT
C1
R2
L2
R1
C7
C8
C9
L3
C10
C11
R3
45
6
3
2
1
12
11
10
7
8
9
C2
Z2
Z1
C12
C13
RF
OUTPUT
L1
Z1
0.050 0.021 Microstrip
Z2
0.030 0.021 Microstrip
BIAS
CIRCUIT
BIAS
CIRCUIT
VDD1
VDD2
C14
C15
C16 C17
Table A--2. MML09212HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
100 pF Chip Capacitors
GRM1555C1H101JZ01
Murata
C3, C4
Components Not Placed
C5, C7, C8,C11, C12, C15
390 pF Chip Capacitors
GRM1555C1H391JZ01
Murata
C6, C9, C10, C13, C16
0.01 F Chip Capacitors
GRM155R71E103KA01
Murata
C14, C17
1000 pF Chip Capacitors
GRM155R71E101KA01
Murata
L1
20 nH Chip Inductor
0402CS--20NXGL
Coilcraft
L2, L5
30 nH Chip Inductors
0402CS--30NXGL
Coilcraft
L3
16 nH Chip Inductor
0402CS--16NNXGL
Coilcraft
L4
1.2 nH Chip Inductor
0402CS--1N2XJL
Coilcraft
R1
100  Chip Resistor
RC0402JR--07--100RL
Yageo
R2
1100  Chip Resistor
RC0402FR--07--1K1L
Yageo
R3
910  Chip Resistor
RC0402FR--07--910RL
Yageo
PCB
0.010, r = 3.48, Multilayer
RO4350B
Rogers
Note: Component numbers C3 and C4 are labeled on board but not placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com