Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML09212HT1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MML09212HT1
Description  Low Noise Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09212HT1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MML09212HT1 Datasheet HTML 4Page - NXP Semiconductors MML09212HT1 Datasheet HTML 5Page - NXP Semiconductors MML09212HT1 Datasheet HTML 6Page - NXP Semiconductors MML09212HT1 Datasheet HTML 7Page - NXP Semiconductors MML09212HT1 Datasheet HTML 8Page - NXP Semiconductors MML09212HT1 Datasheet HTML 9Page - NXP Semiconductors MML09212HT1 Datasheet HTML 10Page - NXP Semiconductors MML09212HT1 Datasheet HTML 11Page - NXP Semiconductors MML09212HT1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
RF Device Data
NXP Semiconductors
MML09212HT1
50 OHM APPLICATION CIRCUIT: 400 MHz
Figure 14. MML09212HT1 Test Circuit Component Layout
QFN 3x3--12F
Rev. 1
RFIN
RFOUT
C6
C5
C9
C14
C8
R4
C2
L2
L3
R1
C7
L1
R2
C10 C11
C12 C13
R3
C1
L5
L4
Via A
Via B
C3*
C4*
Note: Component numbers C3* and C4* are labeled on board but not placed.
Table 9. MML09212HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
100 pF Chip Capacitors
GRM1555C1H101JZ01
Murata
C3, C4
Components Not Placed
C5,C7, C8,C11,C12
390 pF Chip Capacitors
GRM1555C1H391JZ01
Murata
C6, C9, C10, C13
0.01 F Chip Capacitors
GRM155R71E103KA01
Murata
C14
1000 pF Chip Capacitor
GRM155R71E101KA01
Murata
L1
20 nH Chip Inductor
0402CS--20NXGL
Coilcraft
L2, L5
30 nH Chip Inductors
0402CS--30NXGL
Coilcraft
L3
16 nH Chip Inductor
0402CS--16NNXGL
Coilcraft
L4
1.2 nH Chip Inductor
0402CS--1N2XJL
Coilcraft
R1
100  Chip Resistor
RC0402JR--07--100RL
Yageo
R2
1100  Chip Resistor
RC0402FR--07--1K1L
Yageo
R3
910  Chip Resistor
RC0402FR--07--910RL
Yageo
R4
0 , 1 A Chip Resistor
ERJ2GE0R00X
Panasonic
PCB
0.010, r = 3.48, Multilayer
RO4350B
Rogers
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com