Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 37Page - NXP Semiconductors MMPF0200 Datasheet HTML 38Page - NXP Semiconductors MMPF0200 Datasheet HTML 39Page - NXP Semiconductors MMPF0200 Datasheet HTML 40Page - NXP Semiconductors MMPF0200 Datasheet HTML 41Page - NXP Semiconductors MMPF0200 Datasheet HTML 42Page - NXP Semiconductors MMPF0200 Datasheet HTML 43Page - NXP Semiconductors MMPF0200 Datasheet HTML 44Page - NXP Semiconductors MMPF0200 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
NXP Semiconductors
41
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 12. SW1AB efficiency waveforms
SW1A/B (single phase) (continued)
ISW1ABQ
Quiescent Current
PFM Mode
APS Mode
–
–
18
235
–
–
µA
RONSW1AP
SW1A P-MOSFET RDSON
VINSW1A = 3.3 V
–
215
245
m
Ω
RONSW1AN
SW1A N-MOSFET RDSON
VINSW1A = 3.3 V
–
258
326
m
Ω
ISW1APQ
SW1A P-MOSFET Leakage Current
VINSW1A = 4.5 V
––
7.5
µA
ISW1ANQ
SW1A N-MOSFET Leakage Current
VINSW1A = 4.5 V
––
2.5
µA
RONSW1BP
SW1B P-MOSFET RDSON
VINSW1B = 3.3 V
–
215
245
m
Ω
RONSW1BN
SW1B N-MOSFET RDSON
VINSW1B = 3.3 V
–
258
326
m
Ω
ISW1BPQ
SW1B P-MOSFET Leakage Current
VINSW1B = 4.5 V
––
7.5
µA
ISW1BNQ
SW1B N-MOSFET Leakage Current
VINSW1B = 4.5 V
––
2.5
µA
RSW1ABDIS
Discharge Resistance
–
600
–
Ω
Notes
40.
Accuracy specification is inclusive of load and line regulation.
41.
Current rating of SW1AB supports the Power Virus mode of operation of the i.MX6X processor.
Table 47. SW1A/B electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = VINSW1x = 3.6 V, VSW1AB
= 1.2 V, ISW1AB = 100 mA, SW1AB_PWRSTG[2:0] = [111], typical external component values, fSW1AB = 2.0 MHz, unless otherwise noted.
Typical values are characterized at VIN = VINSW1x = 3.6 V, VSW1AV = 1.2 V, ISW1AB = 100 mA, SW1AB_PWRSTG[2:0] = [111], and 25 °C,
unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
(%
)
Load Current (mA)
PFM - Vout = 1.2V
APS - Vout = 1.2V
PWM - Vout = 1.2v
SW1AB single phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com