Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 89Page - NXP Semiconductors MMPF0200 Datasheet HTML 90Page - NXP Semiconductors MMPF0200 Datasheet HTML 91Page - NXP Semiconductors MMPF0200 Datasheet HTML 92Page - NXP Semiconductors MMPF0200 Datasheet HTML 93Page - NXP Semiconductors MMPF0200 Datasheet HTML 94Page - NXP Semiconductors MMPF0200 Datasheet HTML 95Page - NXP Semiconductors MMPF0200 Datasheet HTML 96Page - NXP Semiconductors MMPF0200 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
NXP Semiconductors
93
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 121. Extended page 1
Address
Register Name
TYPE
Default
BITS[7:0]
7
6
5
4
3
2
1
0
80
OTP FUSE READ
EN
R/W
8'b000x_xxx0
––
–
–
–
–
–
OTP FUSE
READ EN
00
0
x
x
x
x0
84
OTP LOAD MASK
R/W
8'b0000_0000
START
RL PWBRTN
FORCE PWRCTL
RL PWRCTL
RL OTP
RL OTP ECC RL OTP FUSE
RL TRIM
FUSE
00
0
0
0
0
0
0
8A
OTP ECC SE1
R
8'bxxx0_0000
–
–
–
ECC5_SE
ECC4_SE
ECC3_SE
ECC2_SE
ECC1_SE
xx
x
0
0
0
0
0
8B
OTP ECC SE2
R
8'bxxx0_0000
–
–
–
ECC10_SE
ECC9_SE
ECC8_SE
ECC7_SE
ECC6_SE
xx
x
0
0
0
0
0
8C
OTP ECC DE1
R
8'bxxx0_0000
–
–
–
ECC5_DE
ECC4_DE
ECC3_DE
ECC2_DE
ECC1_DE
xx
x
0
0
0
0
0
8D
OTP ECC DE2
R
8'bxxx0_0000
–
–
–
ECC10_DE
ECC9_DE
ECC8_DE
ECC7_DE
ECC6_DE
xx
x
0
0
0
0
0
A0
OTP SW1AB VOLT
R/W
8'b00xx_xxxx
––
SW1AB_VOLT[5:0]
00
x
x
x
x
x
x
A1
OTP SW1AB SEQ
R/W
8'b000x_xxXx
–
SW1AB_SEQ[4:0]
00
0
x
x
x
X
x
A2
OTP SW1AB
CONFIG
R/W
8'b0000_xxxx
––
–
–
SW1_CONFIG[1:0]
SW1AB_FREQ[1:0]
00
0
0
x
x
x
x
AC
OTP SW2 VOLT
R/W
8'b0xxx_xxxx
–
SW2_VOLT[5:0]
0x
x
x
x
x
xx
AD
OTP SW2 SEQ
R/W
8'b000x_xxxx
––
SW2_SEQ[4:0]
00
0
x
x
x
x
x
AE
OTP SW2 CONFIG
R/W
8'b0000_00xx
––
–
–
–
–
SW2_FREQ[1:0]
00
0
0
0
0
x
x
B0
OTP SW3A VOLT
R/W
8'b0xxx_xxxx
–
SW3A_VOLT[6:0]
0x
x
x
x
x
xx
B1
OTP SW3A SEQ
R/W
8'b000x_xxxx
––
SW3A_SEQ[4:0]
00
0
x
x
x
x
x
B2
OTP SW3A
CONFIG
R/W
8'b0000_xxxx
––
–
–
SW3_CONFIG[1:0]
SW3A_FREQ[1:0]
00
0
0
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com