Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 97Page - NXP Semiconductors MMPF0200 Datasheet HTML 98Page - NXP Semiconductors MMPF0200 Datasheet HTML 99Page - NXP Semiconductors MMPF0200 Datasheet HTML 100Page - NXP Semiconductors MMPF0200 Datasheet HTML 101Page - NXP Semiconductors MMPF0200 Datasheet HTML 102Page - NXP Semiconductors MMPF0200 Datasheet HTML 103Page - NXP Semiconductors MMPF0200 Datasheet HTML 104Page - NXP Semiconductors MMPF0200 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
NXP Semiconductors
101
PF0200
TYPICAL APPLICATIONS
1.0
μH–
4 x 4 x 1.2
ISAT = 6.2 A, DCR = 37 mΩ
FDSD0412-H-1R0M
Toko
Output inductor
(Alternate)
0.1
μF
–
3 x 3 x 1.5, ISAT = 4.5 A, DCR = 39 mΩ
74438335010
Wurth Elektronik
Output Inductor
(Alternate)
22
μF
4
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
μF
2
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
Input capacitance
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
BOOST, SWBST - 5.0 V, 600 mA
2.2
μH1
3 x 3 x 1.5
ISAT = 2.0 A for 10% drop, DCRMAX = 110 mΩ
LPS3015-222ML
Coilcraft
Output Inductor
2.2
μH–
3 x 3 x 1.2
ISAT = 3.1 A, DCR = 105 mΩ
FDSD0312-H-2R2M
Toko
Output inductor
(Alternate)
2.2
μH
–
3 x 3 x 1.5, ISAT = 3.5 A, DCR = 94 mΩ
74438335022
Wurth Elektronik
Output Inductor
(Alternate)
22
μF
2
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
10
μF
1
10 V X5R 0805
C2012X5R1A106MT
TDK
Input capacitance
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Input capacitance
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
1.0 A
1
20 V SOD-123FL
MBR120VLSFT1G
ON Semiconductor
Schottky Diode
LDO, VGEN1 - (0.80-1.55), 100 mA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN2 - (0.80-1.55), 250 mA
4.7
μF
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN3 - (1.80-3.30), 100 mA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN4 - (1.80-3.30), 350 mA
4.7
μF
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN5 - (1.80-3.30), 150 mA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN6 - (1.80-3.30), 200 mA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
LDO/Switch VSNVS - (1.1-3.3), 200 mA
0.47
μF
1
6.3 V X5R 0402
C1005X5R0J474K
TDK
Output capacitance
Reference, VREFDDR - (0.20-1.65V), 10 mA
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Output capacitance
0.1
μF
2
10 V X5R 0402
C0402C104K8PAC
Kemet
VHALF,
VINREFDDR
Table 123. Bill of materials (78) (continued)
Value
Qty
Description
Part#
Manufacturer
Component/pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com