Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3-CPU000000 Datasheet(PDF) 2 Page - SICK AG

Part # FX3-CPU000000
Description  SAFETY CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

FX3-CPU000000 Datasheet(HTML) 2 Page - SICK AG

  FX3-CPU000000 Datasheet HTML 1Page - SICK AG FX3-CPU000000 Datasheet HTML 2Page - SICK AG FX3-CPU000000 Datasheet HTML 3Page - SICK AG FX3-CPU000000 Datasheet HTML 4Page - SICK AG FX3-CPU000000 Datasheet HTML 5Page - SICK AG FX3-CPU000000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FX3-CPU000000 | Flexi Soft
SAFETY CONTROLLERS
Ordering information
Type
Part no.
FX3-CPU000000
1043783
The system plug has to be ordered separately. For details, see “Accessories”.
Other models and accessories
www.sick.com/Flexi_Soft
Detailed technical data
Features
Module
Main module
Configuration method
Via software
Note
The system plug has to be ordered separately. For details, see “Accessories”.
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.07 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Functions
Safe SICK device communication
EFI
Interfaces
System connection
System plug 1)
Number of EFI interfaces
0
Connection type
Spring terminals
Configuration and diagnostics interface
RS-232 (M8 female connector, 4-pin)
1) The system plug has to be ordered separately. For details, see “Accessories”.
Electrical data
Protection class
III (EN 61140)
Type of voltage supply
PELV or SELV 1)
1) The current of the power supply that powers the main unit must be limited to a maximum of 4 A, either through the power supply itself or a fuse.
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-17 16:53:32
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com