Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3-CPU000000 Datasheet(PDF) 3 Page - SICK AG

Part # FX3-CPU000000
Description  SAFETY CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

FX3-CPU000000 Datasheet(HTML) 3 Page - SICK AG

  FX3-CPU000000 Datasheet HTML 1Page - SICK AG FX3-CPU000000 Datasheet HTML 2Page - SICK AG FX3-CPU000000 Datasheet HTML 3Page - SICK AG FX3-CPU000000 Datasheet HTML 4Page - SICK AG FX3-CPU000000 Datasheet HTML 5Page - SICK AG FX3-CPU000000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FX3-CPU000000 | Flexi Soft
SAFETY CONTROLLERS
Supply voltage VS
24 V DC (16.8 V DC ... 30 V DC)
Internal power consumption
≤ 2.5 W
Overvoltage category
II (EN 61131-2)
Switch-on time
≤ 18 s
1) The current of the power supply that powers the main unit must be limited to a maximum of 4 A, either through the power supply itself or a fuse.
Mechanical data
Dimensions (W x H x D)
22.5 mm x 96.5 mm x 120.6 mm
Weight
111 g (± 5 %)
Ambient data
Enclosure rating
IP20 (EN 60529)
Ambient operating temperature
–25 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Air humidity
10 % ... 95 %, Non-condensing
Classifications
ECl@ss 5.0
27242290
ECl@ss 5.1.4
27249090
ECl@ss 6.0
27249090
ECl@ss 6.2
27249090
ECl@ss 7.0
27249090
ECl@ss 8.0
27249090
ECl@ss 8.1
27249090
ECl@ss 9.0
27249090
ETIM 5.0
EC002632
ETIM 6.0
EC002632
UNSPSC 16.0901
32151705
2018-09-17 16:53:32 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com