Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH52 Datasheet(PDF) 13 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FH52 Datasheet HTML 9Page - Hirose Electric FH52 Datasheet HTML 10Page - Hirose Electric FH52 Datasheet HTML 11Page - Hirose Electric FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric FH52 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
BRecommended PCB Mounting Pattern and Metal Mask Dimensions
BRecommended FPC/FFC Dimensions
Recommended metal mask thickness : 0.12mm
[FH52K (Long Metal Fittings Type, 125
°C Heat Resistant Type) 0.5mm Pitch product]
[FH52K (Long Metal Fittings Type, 125°C Heat Resistant Type) 0.5mm Pitch product]
Notes
FFC/FPC without tabs can also be used.
In that case, the specified portions are not necessary.
1
Unit : mm
Part No.
HRS No.
No. of contacts
BF
G
H
FH52K-6S-0.5SH(**)
580-4613-0 **
6
2.5
5.1
5.1
3.5
FH52K-8S-0.5SH(**)
580-4611-0 **
8
3.5
6.1
6.1
4.5
FH52K-10S-0.5SH(**)
580-4606-0 **
10
4.5
7.1
7.1
5.5
FH52K-12S-0.5SH(**)
Under planning (Note 1)
12
5.5
8.1
8.1
6.5
FH52K-15S-0.5SH(**)
15
7.0
9.6
9.6
8.0
FH52K-18S-0.5SH(**)
18
8.5
11.1
11.1
9.5
FH52K-20S-0.5SH(**)
580-4604-0 **
20
9.5
12.1
12.1
10.5
FH52K-22S-0.5SH(**)
Under planning (Note 1)
22
10.5
13.1
13.1
11.5
FH52K-24S-0.5SH(**)
24
11.5
14.1
14.1
12.5
FH52K-25S-0.5SH(**)
25
12.0
14.6
14.6
13.0
FH52K-26S-0.5SH(**)
26
12.5
15.1
15.1
13.5
FH52K-30S-0.5SH(**)
30
14.5
17.1
17.1
15.5
FH52K-32S-0.5SH(**)
580-4600-9 **
32
15.5
18.1
18.1
16.5
FH52K-34S-0.5SH(**)
580-4601-0 **
34
16.5
19.1
19.1
17.5
FH52K-40S-0.5SH(**)
Under planning (Note 1)
40
19.5
22.1
22.1
20.5
FH52K-50S-0.5SH(**)
50
24.5
27.1
27.1
25.5
FH52K-60S-0.5SH(**)
60
29.5
32.1
32.1
30.5
FH52K-64S-0.5SH(**)
64
31.5
34.1
34.1
32.5
FH52K-68S-0.5SH(**)
580-4614-0 **
68
33.5
36.1
36.1
34.5
Note 1 : Contact positions without HRS No. are currently under planning.
Please contact hirose for detailed information about product variation.
0.3±0.05
2-R0.2±0.1
2-R0.2±0.1
2-R0.2±0.1
2-R0.2±0.05
G±0.1
H±0.05
B±0.03
0.5±0.07
0.35±0.03
(
FPC)
0.3±0.03
(
FFC)
0.5±0.07
0.5±0.03
2-R0.2±0.05
1
1
1
1
1
B±0.05
0.5±0.05
0.3±0.03(Land pattern)
0.25±0.03(Metal mask)
F±0.05
2±0.03
(0.5)
(0.225)
Connector image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com