Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH52 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 2 Page - Hirose Electric

  FH52 Datasheet HTML 1Page - Hirose Electric FH52 Datasheet HTML 2Page - Hirose Electric FH52 Datasheet HTML 3Page - Hirose Electric FH52 Datasheet HTML 4Page - Hirose Electric FH52 Datasheet HTML 5Page - Hirose Electric FH52 Datasheet HTML 6Page - Hirose Electric FH52 Datasheet HTML 7Page - Hirose Electric FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
■Product Specifications
Rating
Rated current 0.5A (Note 1)
Rated voltage 50V AC rms
Operating temperature range : -40ç to +105°C (Note 2)(Note 4)
Operating humidity range : Relative humidity 90% max.
(No condensation)
Storage temperature range : -10ç to +50°C (Note 3)
Storage humidity range : Relative humidity 90% max.
(No condensation)
Adaptive FPC/FFC
contact specifications
Thickness: = 0.3 ± 0.05mm Gold plated contact traces
Item
Specification
Conditions
1. Insulation resistance
500M
ø min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown
150V AC rms / 1 minute
3. Contact
resistance
50mø max.
* Including FPC/FFC conductor resistance
1mA (DC or 1000Hz)
4. Durability
(insertion / withdrawal)
Contact resistance : 50mø max.
No damage, cracks, or parts dislocation
20 cycles
5. Vibration
No electrical discontinuity of 1µs or more
Contact resistance : 50mø max.
No damage, cracks, or parts dislocation
Frequency : 10 to 55Hz, single amplitude of 0.75mm,
10 cycles in each of the 3 directions
6. Shock
No electrical discontinuity of 1µs or more
Contact resistance : 50mø max.
No damage, cracks, or parts dislocation
Acceleration of 981m/s2, duration of 6 ms, sine half-wave
waveform, 3 cycles in each of the 3 axes
7. Humidity
(Steady state)
Contact resistance : 50mø max.
Insulation resistance : 50Mø min.
No damage, cracks, or parts dislocation
96 hours at temperature of 40ç and humidity of 90% to
95%
8. Temperature
cycle
Contact resistance : 50mø max.
Insulation resistance : 50Mø min.
No damage, cracks, or parts dislocation
Temperature : -40°C
/ +15ç to +35ç / +105ç(Note 4) / +15ç to +35ç
Time :
30
/
2 to 3
/ 30 / 2 to 3 (Minutes)
5 cycles
9. Resistance to
soldering heat
No deformation of components affecting
performance
Reflow : Peak temperature 250°C max., 230°C or more, 30 seconds or less
Manual soldering: 350 ± 10°C for 5 seconds
Note 1 : When passing the current through all of the contacts, use 70% of the current rating.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The term “storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity Range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Note 4 : FH52K withstands up to +125°C.
■Materials / Finish
Part
Material
Finish
Remarks
Insulator
LCP
Color : Grey
UL94V-0
Color : Black
Contacts
Copper alloy
Partially gold plated
––––––
Metal fittings
Brass
Tine plated
■Product Number Structure
Refer to the chart below when datermining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
FH 52 E − 50 (25) S
B − 0.5 SH (99)
❶
we
r
t
y
u
i
o
!0
y Contact arrangement : Single (pole piece array)
u Alternating direction :
No symbol : Standard type (all contacts loaded)
A : Alternating contact type (Alternating on the polarity side)
B : Alternating contact type (Alternating on the opposite polarity side)
i Contact pitch : 0.5mm, 1mm
o Termination type
SH : SMT horizontal mounting type
!00 SpecificationBlank : Partially gold plated, 3,000pcs/reel
(99) : Partially gold plated, 500pcs/reel
q Series name : FH
w Series No. : 52
e Blank : Standard type
E : Long metal fittings type
K : Long metal fittings type, +125°C Heat Resistant type
T : Long metal fittings type, 2-Point Contact type
r Standard type : Number of contacts
Alternating contact type : Mold size
t Standard type : No symbol
Alternating contact type : Number of contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com