Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1ABF Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES1ABF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES1ABF Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES1ABF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1ABF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1ABF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
T =25
J
°C
T =75
J
°C
T =125
J
°C
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
50
75
100
125
150
175
Fig.2 Maximum Average Forward Current Rating
Single phase half wave resistive
or inductive P.C.B mounted on
0.5×0.5"(12.7
)
×12.7mm pad areas.
Fig.5 Typical Junction Capacitance
Reverse Voltage (V)
1
100
0.1
2
10
T =25
J
°C
f = 1.0MHz
V
= 50mV
sig
p-p
4
6
8
10
12
14
10
30
00
10
100
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
Fig.4 Typical
Characteristics
Forward
2.0
2.5
1.5
0
0.01
0.1
1.0
10
0.5
1.0
0.001
Instaneous Forward Voltage (V)
T =25
J
°C
ES1JBF
ES1EBF/ ES1GBF
ES1ABF~ES1DBF
Characteristic Curves (TA=25 ℃ unless otherwise noted)
ES1ABF THRU ES1JBF
Surface Mount Superfast Rectifiers
Case Temperature (
°C)
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com