Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1ABF Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES1ABF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES1ABF Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES1ABF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1ABF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1ABF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
ES1ABF
ES1BBF
ES1CBF
ES1DBF
ES1EBF
ES1GBF
ES1JBF
The recommended mounting pad size
Unit:mm(mil)
3.0(118)
1.8(71)
1.8(71)
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMBF
∠ALL ROUND
V
A
M
UNIT
mm
1.3
0.26
4.4
3.7
5.5
1.1
0.18
4.2
3.5
5.1
9°
max
min
mil
max
min
A
C
D
E
HE
∠
2.2
1.9
e
Bottom View
HE
g
Top View
1.0
g
g
∠ALL ROUND
D
A
E
51
10
173
146
216
43
7
165
138
200
86
75
40
E1AB
E1CB
E1DB
E1EB
E1GB
E1JB
E1BB
ES1ABF THRU ES1JBF
Surface Mount Superfast Rectifiers
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com