Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9523 Datasheet HTML 19Page - Analog Devices AD9523 Datasheet HTML 20Page - Analog Devices AD9523 Datasheet HTML 21Page - Analog Devices AD9523 Datasheet HTML 22Page - Analog Devices AD9523 Datasheet HTML 23Page - Analog Devices AD9523 Datasheet HTML 24Page - Analog Devices AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices AD9523 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 23 of 60
PLL2 Loop Filter
The PLL2 loop filter requires the connection of an external
capacitor from LF2_EXT_CAP (Pin 11) to LDO_VCO (Pin 14),
as illustrated in Figure 25. The value of the external capacitor
depends on the operating mode and the desired phase noise
performance. For example, a loop bandwidth of approximately
500 kHz produces the lowest integrated jitter. A lower bandwidth
produces lower phase noise at 1 MHz but increases the total
integrated jitter.
Table 21. PLL2 Loop Filter Programmable Values
RZERO
(Ω)
CPOLE1
(pF)
RPOLE2
(Ω)
CPOLE2
(pF)
LF2_EXT_CAP1
(pF)
3250
48
900
Fixed at 16
Typical at 1000
3000
40
450
2750
32
300
2500
24
225
2250
16
2100
8
2000
0
1850
1 External loop filter capacitor.
VCO Divider
The VCO divider provides frequency division between the
internal VCO and the clock distribution. The VCO divider can
be set to divide by 4, 5, 6, 7, 8, 9, 10, or 11.
VCO and VCO Calibration
The AD9523 on-chip VCO must be manually calibrated to
ensure proper operation over process and temperature. A VCO
calibration is accomplished by transitioning the calibrate VCO
bit (Register 0x0F3[1]) from 0 to 1 (this bit is not self clearing).
The setting can be performed as part of the initial setup before
executing the IO_UPDATE bit (Register 0x234[1] = 1b). A
readback bit, VCO calibration in progress (Register 0x22D[0]),
indicates when a VCO calibration is in progress by returning a
logic true (Register 0x22D[1] = 1b). If the EEPROM is in use,
setting the calibrate VCO bit to 1 before saving the register
settings to the EEPROM ensures that the VCO calibrates
automatically after the EEPROM has loaded. After calibration,
it is recommended to initiate a distribution sync (see the Clock
Distribution Synchronization section).
Note that the calibrate VCO bit defaults to 0. This bit must
change from 0 to 1 to initiate a calibration sequence. Therefore,
any subsequent calibrations require the following sequence:
1.
Register 0x0F3[1] = 0b (calibrate VCO bit)
2.
Register 0x234[0] = 1b (IO_UPDATE bit)
3.
Register 0x0F3[1] = 1b (calibrate VCO bit)
4.
Register 0x234[0] =1b (IO_UPDATE bit)
VCO calibration is controlled by a calibration controller that
runs off the OSC_IN input clock. The calibration requires that
PLL2 be set up properly to lock the PLL2 loop and that the
OSC_IN clock be present.
During power-up or reset, the distribution section is automatically
held in sync until the first VCO calibration is finished. Therefore,
no outputs can occur until VCO calibration is complete and
PLL2 is locked. This default functionality can be overwritten
using Register 0x0F3[4].
Initiate a VCO calibration under the following conditions:
•
After changing any of the PLL2 B counter and A counter
settings or after a change in the PLL2 reference clock
frequency. This means that a VCO calibration should be
initiated any time that a PLL2 register or reference clock
changes such that a different VCO frequency is the result.
•
Whenever system calibration is desired. The VCO is designed
to operate properly over extremes of temperature even
when it is first calibrated at the opposite extreme. However,
a VCO calibration can be initiated at any time, if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com