Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices AD9523 Datasheet HTML 27Page - Analog Devices AD9523 Datasheet HTML 28Page - Analog Devices AD9523 Datasheet HTML 29Page - Analog Devices AD9523 Datasheet HTML 30Page - Analog Devices AD9523 Datasheet HTML 31Page - Analog Devices AD9523 Datasheet HTML 32Page - Analog Devices AD9523 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 29 of 60
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
SDA
SCL
S
MSB
P
Figure 32. Data Transfer Process (Master Write Mode, 2-Byte Transfer)
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
MASTER RECEIVER
NON-ACK FROM
MASTER RECEIVER
SDA
SCL
S
P
Figure 33. Data Transfer Process(Master Read Mode, 2-Byte Transfer)
The no acknowledge bit is the ninth bit attached to any 8-bit
data byte. A no acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has not been received. The no acknowledge bit is
accomplished by leaving the SDA line high during the ninth
clock pulse after each 8-bit data byte.
Data Transfer Process
The master initiates data transfer by asserting a start condition,
which indicates that a data stream follows. All I²C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first), plus a R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device
(0 is write, 1 is read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other devices
on the bus remain idle while the selected device waits for data
to be read from or written to it. If the R/W bit is 0, the master
(transmitter) writes to the slave device (receiver). If the R/W bit is 1,
the master (receiver) reads from the slave device (transmitter).
The format for these commands is described in the Data
Transfer Format section.
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (eight bits) from either master (write mode)
or slave (read mode), followed by an acknowledge bit from the
receiving device. The number of bytes that can be transmitted per
transfer is unrestricted. In write mode, the first two data bytes
immediately after the slave address byte are the internal memory
(control registers) address bytes with the high address byte first.
This addressing scheme gives a memory address of up to 216 − 1 =
65,535. The data bytes after these two memory address bytes are
register data written into the control registers. In read mode, the
data bytes after the slave address byte are register data read from
the control registers. A single I2C transfer can contain multiple data
bytes that can be read from or written to control registers whose
address is automatically incremented starting from the base
memory address.
When all data bytes are read or written, stop conditions are
established. In write mode, the master (transmitter) asserts
a stop condition to end data transfer during the 10th clock pulse
following the acknowledge bit for the last data byte from the slave
device (receiver). In read mode, the master device (receiver)
receives the last data byte from the slave device (transmitter) but
does not pull it low during the ninth clock pulse. This is known as a
no acknowledge bit. Upon receiving the no acknowledge bit, the
slave device knows that the data transfer is finished and releases
the SDA line. The master then takes the data line low during the
low period before the 10th clock pulse and high during the 10th
clock pulse to assert a stop condition.
A repeated start (Sr) condition can be used in place of a stop
condition. Furthermore, a start or stop condition can occur at
any time, and partially transferred bytes are discarded.
For an I2C data write transfer containing multiple data bytes,
the peripheral drives a no acknowledge for the data byte that
follows a write to Register 0x234, thereby ending the I2C transfer.
For an I2C data read transfer containing multiple data bytes,
the peripheral drives data bytes of 0x00 for subsequent reads that
follow a read from Register 0x234.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com