Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 53Page - Analog Devices AD9528BCPZ Datasheet HTML 54Page - Analog Devices AD9528BCPZ Datasheet HTML 55Page - Analog Devices AD9528BCPZ Datasheet HTML 56Page - Analog Devices AD9528BCPZ Datasheet HTML 57Page - Analog Devices AD9528BCPZ Datasheet HTML 58Page - Analog Devices AD9528BCPZ Datasheet HTML 59Page - Analog Devices AD9528BCPZ Datasheet HTML 60Page - Analog Devices AD9528BCPZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 57 of 67
Bits
Bit Name
Description
[4:2]
Reserved
Reserved
[1:0]
PLL2 charge pump mode
Controls the mode of the PLL2 charge pump.
00 = tristate.
01 = pump down.
10 = pump up.
11 (default) = normal.
Table 51. PLL2 VCO Control (Register 0x0203)
Bits
Bit Name
Description
[7:5]
Reserved
Reserved.
4
Doubler and R1 divider path enable
0 (default) = bypasses doubler and R1 divider path to PLL2 frequency detector.
1 = enables doubler and R1 divider path.
3
Reset VCO calibration dividers
0 (default) = normal operation.
1 = resets A and B dividers.
2
Treat reference as valid
0 (default) = uses the PLL1 VCXO indicator to determine when the reference clock to the
PLL2 is valid.
1 = treats the reference clock as valid even if PLL1 does not consider it to be valid.
1
Force VCO to midpoint frequency
Selects VCO control voltage functionality.
0 (default) = normal VCO operation.
1 = forces VCO control voltage to midscale.
0
Manual VCO calibrate (not
autoclearing)
1 = initiates VCO calibration (this is not an autoclearing bit).
0 = resets the VCO calibration.
Table 52. PLL2 RF VCO Divider (M1) (Register 0x0204)
Bits
Bit Name
Description
[7:6]
Reserved
Reserved.
5
PFD reference edge
select
1 = falling edge.
0 = rising edge.
4
PFD feedback edge
select
1 = falling edge.
0 = rising edge.
3
RF VCO divider (M1)
power-down
1 = powers down the M1 divider.
0 = normal operation.
[2:0]
RF VCO divider (M1),
Bits[2:0]
Bit 2
Bit 1
Bit 0
Divider Value
0
1
1
Divide by 3.
1
0
0
Divide by 4.
1
0
1
Divide by 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com