Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9528BCPZ Datasheet HTML 1Page - Analog Devices AD9528BCPZ Datasheet HTML 2Page - Analog Devices AD9528BCPZ Datasheet HTML 3Page - Analog Devices AD9528BCPZ Datasheet HTML 4Page - Analog Devices AD9528BCPZ Datasheet HTML 5Page - Analog Devices AD9528BCPZ Datasheet HTML 6Page - Analog Devices AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
JESD204B Clock Generator with
14 LVDS/HSTL Outputs
Data Sheet
AD9528
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
14 outputs configurable for HSTL or LVDS
Maximum output frequency
6 outputs up to 1.25 GHz
8 outputs up to 1 GHz
Dependent on the voltage controlled crystal oscillator
(VCXO) frequency accuracy (start-up frequency accuracy:
<±100 ppm)
Dedicated 8-bit dividers on each output
Coarse delay: 63 steps at 1/2 the period of the RF VCO
divider output frequency with no jitter impact
Fine delay: 15 steps of 31 ps resolution
Typical output to output skew: 20 ps
Duty cycle correction for odd divider settings
Output 12 and Output 13, VCXO output at power-up
Absolute output jitter: <160 fs at 122.88 MHz, 12 kHz to
20 MHz integration range
Digital frequency lock detect
SPI- and I2C-compatible serial control port
Dual PLL architecture
PLL1
Provides reference input clock cleanup with external VCXO
Phase detector rate up to 110 MHz
Redundant reference inputs
Automatic and manual reference switchover modes
Revertive and nonrevertive switching
Loss of reference detection with holdover mode
Low noise LVDS/HSTL outputs from VCXO used for radio
frequency/intermediate frequency (RF/IF) synthesizers
PLL2
Phase detector rate of up to 275 MHz
Integrated low noise VCO
APPLICATIONS
High performance wireless transceivers
LTE and multicarrier GSM base stations
Wireless and broadband infrastructure
Medical instrumentation
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs;
supports JESD204B
Low jitter, low phase noise clock distribution
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
PLL1
REFA
REFB
REF_SEL
CONTROL
INTERFACE
(SPI AND I2C)
PLL2
SYSREF
JESD204B
AD9528
CLOCK
DISTRIBUTION
14 OUTPUTS
SYSREF_REQ
VXCO_IN
OUT0/
OUT0
OUT13/
OUT13
÷
Ø
÷
Ø
Figure 1.
GENERAL DESCRIPTION
The AD9528 is a two-stage PLL with an integrated JESD204B
SYSREF generator for multiple device synchronization. The first
stage phase-locked loop (PLL) (PLL1) provides input reference
conditioning by reducing the jitter present on a system clock.
The second stage PLL (PLL2) provides high frequency clocks
that achieve low integrated jitter as well as low broadband noise
from the clock output drivers. The external VCXO provides the
low noise reference required by PLL2 to achieve the restrictive
phase noise and jitter requirements necessary to achieve acceptable
performance. The on-chip VCO tunes from 3.450 GHz to
4.025 GHz. The integrated SYSREF generator outputs single
shot, N-shot, or continuous signals synchronous to the PLL1
and PLL2 outputs to time align multiple devices.
The AD9528 generates six outputs (Output 0 to Output 3,
Output 12, and Output 13) with a maximum frequency of
1.25 GHz, and eight outputs with a maximum frequency of up
to 1 GHz. Each output can be configured to output directly
from PLL1, PLL2, or the internal SYSREF generator. Each of the
14 output channels contains a divider with coarse digital phase
adjustment and an analog fine phase delay block that allows
complete flexibility in timing alignment across all 14 outputs.
The AD9528 can also be used as a dual input flexible buffer to
distribute 14 device clock and/or SYSREF signals. At power-up,
the AD9528 sends the VCXO signal directly to Output 12 and
Output 13 to serve as the power-up ready clocks.
Note that, throughout this data sheet, the dual function pin
names are referenced by the relevant function where applicable.


Similar Part No. - AD9528BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9528BCPZ AD-AD9528BCPZ Datasheet
1Mb / 68P
Maximum output frequency
Rev. C
AD9528BCPZ-REEL7 AD-AD9528BCPZ-REEL7 Datasheet
1Mb / 68P
Maximum output frequency
Rev. C
More results

Similar Description - AD9528BCPZ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS842023I ICST-ICS842023I Datasheet
152Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
REV. B JUNE 14, 2005
ICS842031I-01 ICST-ICS842031I-01 Datasheet
152Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
REV. A JUNE 21, 2005
logo
Texas Instruments
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI1-LMK03806_15 Datasheet
1Mb / 66P
Ultra Low Jitter Clock Generator With 14 Programmable Outputs
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809_15 Datasheet
112Kb / 10P
Differentia HSTL/PECL/LVDS to HSTL Clock Driver
April, 2015 ??Rev. 10
logo
Integrated Device Techn...
842023 IDT-842023 Datasheet
247Kb / 15P
Femtoclock??Crystal-to-HSTL Clock Generator
logo
Renesas Technology Corp
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
IDT8T49N006I RENESAS-IDT8T49N006I Datasheet
1Mb / 40P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 6-Outputs
2019
IDT8T49N008I RENESAS-IDT8T49N008I Datasheet
1Mb / 39P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 8-Outputs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com