Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9544/PCBZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9544/PCBZ Datasheet HTML 34Page - Analog Devices AD9544/PCBZ Datasheet HTML 35Page - Analog Devices AD9544/PCBZ Datasheet HTML 36Page - Analog Devices AD9544/PCBZ Datasheet HTML 37Page - Analog Devices AD9544/PCBZ Datasheet HTML 38Page - Analog Devices AD9544/PCBZ Datasheet HTML 39Page - Analog Devices AD9544/PCBZ Datasheet HTML 40Page - Analog Devices AD9544/PCBZ Datasheet HTML 41Page - Analog Devices AD9544/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 38 of 62
STATUS AND CONTROL PINS
The AD9544 features seven independently configurable digital
CMOS status/control pins (M0 to M6). Configuring an Mx pin
as a status pin causes that pin to be an output. Conversely,
configuring an Mx pin as a control pin causes that pin to be an
input. Register 0x0102 to Register 0x0108 control both the
nature of the pin (either status or control via Bit D7), as well as
the selection of the status source or control destination
associated with the pin via Bits[D6:D0]. During power-up or
reset, the Mx pins temporarily become inputs and only allow the
device to autoconfigure. Figure 46 is a block diagram of the Mx pin
functionality.
The Mx pin control logic uses special register write detection
logic to prevent these pins from behaving unpredictably when the
Mx pin function changes, especially when changing mode from
input to output or vice versa.
When an Mx pin functions as an output, it continues operating
according to the prior function, even after the user programs
the corresponding registers. However, assertion of an input/output
update causes the corresponding pins to switch to the new
function according to the newly programmed register contents.
Note that changing from one output function to another output
function on an Mx pin does not require special timing to avoid
input/output contention on the pin.
When an Mx pin functions as an input, programming a particular
Mx pin function register causes all the Mx pin control functions
to latch their values. Assertion of an input/output update
switches to the newly programmed pin function, at which time
normal behavior resumes. Note that, when switching from one
input function to another input function on the same pin, the
logic state driven at the input to the pin can change freely
during the interval between writing the new function to the
corresponding register and asserting the input/output update.
When switching the operation of an Mx pin from an input to an
output function, the recommendation is that the external drive
source become high impedance during the interval between
writing the new function and asserting the input/output update.
When switching the operation of an Mx pin from an output to
an input, the recommendation is as follows. First, program the
Mx pin input function to no operation (NOOP) and assert the
input/output update. This configuration avoids input/output
contention on the Mx pin or other undesired behavior because,
prior to the assertion of the input/output update, the device
continues to drive the Mx pin. Following the assertion of the
input/output update, the device releases the Mx pin but ignores
the logic level on the pin due to the programmed NOOP function.
Note that the recommendation is to avoid using a high impedance
source on an Mx pin configured as an input because this may
cause excessive internal current consumption. Second, drive the
Mx pin with Logic 0 or Logic 1 via the desired external source
and program the associated Mx pin register from NOOP to the
desired function.
CONTROL
FUNCTION
SELECT
STATUS
SOURCE
SELECT
Mx PIN
CONTROL
REGISTERS
I/O UPDATE
I/O
CONTROL
DEVICE
RESET
POWER UP
AUTOCONFIGURATION
CONTROL
DESTINATIONS
STATUS
SOURCES
Mx PIN FUNCTION LOGIC
Figure 46. Mx Pin Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com