Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9544/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9544/PCBZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9544/PCBZ Datasheet HTML 53Page - Analog Devices AD9544/PCBZ Datasheet HTML 54Page - Analog Devices AD9544/PCBZ Datasheet HTML 55Page - Analog Devices AD9544/PCBZ Datasheet HTML 56Page - Analog Devices AD9544/PCBZ Datasheet HTML 57Page - Analog Devices AD9544/PCBZ Datasheet HTML 58Page - Analog Devices AD9544/PCBZ Datasheet HTML 59Page - Analog Devices AD9544/PCBZ Datasheet HTML 60Page - Analog Devices AD9544/PCBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Data Sheet
AD9544
Rev. 0 | Page 57 of 62
autoclearing bit). The other is to use an external signal via
an appropriately programmed multifunction pin. The user can
change as many register bits as desired before executing an
input/output update. The input/output update operation transfers
the buffer register contents to their active register counterparts.
Read
If the instruction word indicates a read operation, the next
N × 8 SCLK cycles clock out the data starting from the address
specified in the instruction word, where N is the number of
data bytes to read. Read data appears on the appropriate data
pin (SDIO or SDO) on the falling edge of SCLK. The user must
latch the read data on the rising edge of SCLK. Note that the
internal SPI control logic does not skip over blank registers
during a readback operation.
A readback operation takes data from either the serial control
port buffer registers or the active registers, as determined by
Register 0x01, Bit 5.
SPI Instruction Word (16 Bits)
The MSB of the 16-bit instruction word is R/W, which indicates
whether the ensuing operation is read or write. The next 15 bits
are the register address (A14 to A0), which indicates the starting
register address of the read/write operation (see Table 35). Note
that SPI controller ignores A14, treating it as Logic 0, because
the AD9544 has no register addresses requiring more than a
14-bit address word.
SPI MSB-/LSB-First Transfers
The AD9544 instruction word and payload can be transferred
MSB first or LSB first. The default for the AD9544 is MSB first.
To invoke LSB first mode, write a Logic 1 to Register 0x00, Bit 6.
Immediately after invoking LSB first mode, subsequent serial
control port operations are LSB first.
Address Ascension
If the address ascension bit (Register 0x0000, Bit 5) is Logic 0,
serial control port register addressing decrements from the
specified starting address toward Address 0x0000. If the address
ascension bit (Register 0x0000, Bit 5) is Logic 1, serial control
port register addressing increments from the starting address
toward Address 0x3A3B. Reserved addresses are not skipped
during multibyte input/output operations; therefore, write the
default value to a reserved register and Logic 0s to unmapped
registers. Note that it is more efficient to issue a new write
command than to write the default value to more than two
consecutive reserved (or unmapped) registers.
Table 34. Streaming Mode (No Addresses Skipped)
Address Ascension
Stop Sequence
Increment
0x0000 … 0x3A3B
Decrement
0x3A3B … 0x0000
Table 35. Serial Control Port, 16-Bit Instruction Word
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CSB
SCLK DON'T CARE
SDIO
A12
A13
A14
R/W
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2 D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
DON'T CARE
DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA
Figure 53. Serial Control Port Write—MSB First, Address Decrement, Two Bytes of Data
CSB
SCLK
SDIO
SDO
REGISTER (N) DATA
16-BIT INSTRUCTION HEADER
REGISTER (N – 1) DATA
REGISTER (N – 2) DATA
REGISTER (N – 3) DATA
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
DON'T CARE
DON'T CARE
DON'T CARE
DON'T
CARE
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Figure 54. Serial Control Port Read—MSB First, Address Decrement, Four Bytes of Data
tS
DON'T CARE
DON'T CARE
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
D4
D3
D2
D1
D0
DON'T CARE
DON'T CARE
R/W
tDS
tDH
tHIGH
tLOW
tCLK
tC
CSB
SCLK
SDIO
Figure 55. Timing Diagram for Serial Control Port Write—MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com