Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9574 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9574
Description  Ethernet/Gigabit Ethernet Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9574 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9574 Datasheet HTML 17Page - Analog Devices AD9574 Datasheet HTML 18Page - Analog Devices AD9574 Datasheet HTML 19Page - Analog Devices AD9574 Datasheet HTML 20Page - Analog Devices AD9574 Datasheet HTML 21Page - Analog Devices AD9574 Datasheet HTML 22Page - Analog Devices AD9574 Datasheet HTML 23Page - Analog Devices AD9574 Datasheet HTML 24Page - Analog Devices AD9574 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
AD9574
Rev. B | Page 21 of 35
THEORY OF OPERATION
PLL
REF0_P
REF0_N
REF1_P
REF1_N
MCLK_P
MCLK_N
REF_ACT
REF_SW
REF_FHI
REF_FLO
REF.
SWITCH
REF_SEL
PPR CONTROL
1/2, 1, 5/2, 5
PFD
CP
LOOP
FILTER
LOCK
DET
VCO
50, 64, 100,
128, 256, 512
RESET
3.3V CMOS
HSTL
3.3V CMOS
×2
A
A
OUT2_N
OUT2_P
OUT3_N
OUT3_P
HSTL
HSTL
OUT4_N
OUT4_P
LVDS/HCSL/HSTL
OUT5_N
OUT5_P
LVDS/HCSL/HSTL
16
OUT6_P
OUT6_N
3.3V CMOS
LVDS
3.3V CMOS
1.8V
CMOS
1.8V
CMOS
2, 4, 5, 8, 16
3.75
2
2
2488MHz
2500MHz
2560MHz
REFMON
4
5
AD9574
1
48
2
25
44
43
35
34
6
5
47
41
7
27
26
24
19
20
14
15
22
21
29
28
32
33
38
37
39
40
10
9
11
12
46
45
Figure 20. Detailed Block Diagram
OVERVIEW
Figure 20 shows a block diagram of the AD9574. The AD9574
accepts a 19.44 MHz or 25 MHz reference clock at the REF0_x
and/or REF1_x inputs. It also accepts a 0.008 MHz, 10 MHz,
19.44 MHz, 25 MHz, or 38.88 MHz monitor input clock at the
MCLK_x input. The monitor input clock serves as a stable
frequency reference for the internal reference frequency
monitor of the device. The input clock receivers provide
differential or single-ended input configurations.
The AD9574 provides up to seven output channel clocks
(OUT0 to OUT6). The OUT0 and OUT1 channels provide a
replica of the REF0 or REF1 channel frequency with a
frequency doubling option for OUT0. The OUT2 through
OUT6 channels provide various output frequencies by means of
an integrated PLL and divider chains. The output clock drivers
provide for a variety of modes including LVDS, HSTL, HCSL,
1.8 V CMOS, and 3.3 V CMOS, although not all modes are
available at every output.
The integrated PLL provides the necessary frequency translations.
The divider block at the input to the PLL consists of a ×2 multiplier,
a divide-by-5, and a multiplexer configured to provide the four
possible divide values (1/2, 1, 5/2, or 5), as shown in Figure 20.
PPRx PINS
The AD9574 makes use of seven PPRx pins to configure the
device. Internal circuitry scans the PPRx pins for the presence
of resistor terminations and configures the device accordingly.
A PPRx pin scan occurs automatically as part of the power-on
reset sequence (see the Power-On Reset (POR) section) or
following assertion of the RESET pin.
Each PPRx pin controls a specific function or functional block
within the device (see Table 19). The configuration of a functional
block depends on the scanned state of the corresponding PPRx pin.
The scan of a PPRx pin identifies one of eight possible states based
on an external pull-up or pull-down resistor (maximum 10%
tolerance) per Table 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com