Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9574 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9574
Description  Ethernet/Gigabit Ethernet Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9574 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9574 Datasheet HTML 25Page - Analog Devices AD9574 Datasheet HTML 26Page - Analog Devices AD9574 Datasheet HTML 27Page - Analog Devices AD9574 Datasheet HTML 28Page - Analog Devices AD9574 Datasheet HTML 29Page - Analog Devices AD9574 Datasheet HTML 30Page - Analog Devices AD9574 Datasheet HTML 31Page - Analog Devices AD9574 Datasheet HTML 32Page - Analog Devices AD9574 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
AD9574
Rev. B | Page 29 of 35
The PFD, charge pump, and loop filter work together to tune
the VCO output frequency according to the phase difference
of the clock edges at the input to the PFD. The closed-loop
configuration gradually causes the phase difference at the PFD
input to settle near zero and the VCO output frequency to settle
to a value of N times the PFD input frequency (N is the
feedback divider value). Based on the PPRx pin settings, the
AD9574 automatically selects the value of N and the prescaler
value to yield one of three VCO frequencies (2488 MHz,
2500 MHz, or 2560 MHz) per Table 22.
The loop filter consists of a partially integrated third-order RC
network with an external network connected between the LF
and LDO_BYP pins. The external network consists of a 1 nF or
2 nF capacitor or a series connected 2 nF capacitor, C, and
4.75 kΩ resistor, R (see Table 32). The loop filter components,
charge pump current, feedback divider, and VCO gain define
the bandwidth of the PLL according to Table 22. The device
automatically adjusts the internal components per the PPRx
settings to maintain an approximately constant loop bandwidth.
Table 32. External Loop Filter Components
PPR1 State
External Components
0
C = 1 nF
1
C = 2 nF
2
C = 1 nF
3
C = 2 nF
4
C = 1 nF
5
C = 2 nF
6
C = 2 nF in series with R = 4.75 kΩ
7
C = 2 nF in series with R = 4.75 kΩ
Figure 23 is a diagram of the loop filter portion of the PLL.
CHARGE
PUMP
INTEGRATED LOOP FILTER
VCO
EXTERNAL
COMPONENTS
LDO_BYP
LF
Figure 23. PLL Loop Filter Detail
The AD9574 also provides a digital lock detect output signal at
the LD pin, which indicates (active high) when the device
considers the PFD input phase differential to have stabilized
near zero.
The OUT2 through OUT6 channels are static (outputs do not
toggle) while the PLL is unlocked (that is, while the LD pin is
Logic 0).
OUTPUT DRIVERS
The output channels of the AD9574 offer the flexibility of a
variety of drive formats, including HSTL, HCSL, LVDS, and
CMOS. Each channel offers a subset of these formats (see Table 33).
Table 33. Output Drive Formats
Output
Channel
Format
HSTL
HCSL
LVDS
CMOS
3.3 V
1.8 V
0
Yes
No
No
Yes
No
1
Yes
No
No
Yes
No
2
Yes
No
No
No
No
3
Yes
No
No
No
No
4
Yes
Yes
Yes
No
No
5
Yes
Yes
Yes
No
No
6
No
No
Yes
Yes
Yes
OUTPUT CLOCKS
The seven output clock channels (OUT0 through OUT6)
provide two different frequency translation functions. OUT0
and OUT1 offer a replica of the reference frequency (with a
frequency doubling option for OUT0), whereas OUT2 through
OUT6 offer rational frequency translations by means of an
integrated integer-N PLL. Table 34 shows a summary of the
available frequencies for each output channel (in units of MHz).
The indicated reference to output frequency translations
depends on the results of a PPRx scan (see the PPRx Pins
section for details).
Table 34. Output Frequencies
fREF
Output (MHz)
0
1
2
3
4
5
6
25
25
25
156.25
156.25
100
100
33.33
50
125
125
66.67
312.5
312.5
133.3
80
80
160
160
19.44
19.44
19.44
155.52
155.52
38.88
38.88
N/A1
77.76
77.76
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com