Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9577 Datasheet HTML 25Page - Analog Devices AD9577 Datasheet HTML 26Page - Analog Devices AD9577 Datasheet HTML 27Page - Analog Devices AD9577 Datasheet HTML 28Page - Analog Devices AD9577 Datasheet HTML 29Page - Analog Devices AD9577 Datasheet HTML 30Page - Analog Devices AD9577 Datasheet HTML 31Page - Analog Devices AD9577 Datasheet HTML 32Page - Analog Devices AD9577 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 29 of 44
FUNCTIONAL DESCRIPTION
On the AD9577, parameters can be programmed over an I2C
bus to provide custom output frequencies, output formats, and
feature selections. However, this programming must be repeated
after every power cycle of the part.
The AD9577 contains two PLLs, PLL1 and PLL2, used for
independent clock frequency generation, as shown in Figure 32.
A shared crystal oscillator and reference clock input cell drive
both PLLs. The reference clock of the PLLs can be selected as
either the crystal oscillator output or the reference input clock.
A reference divider precedes each PLL. When the crystal oscillator
input is selected, these dividers must be set to divide by 1. When
the reference input is selected, these dividers can be set to
divide by 1 or divide by 2, provided that the resulting input
frequency to the PLLs is within the permitted 19.44 MHz to
27 MHz range. Both reference dividers are set to divide by the
same value. Each PLL drives two output channels, producing
four output ports in total for the IC. Each output channel
consists of a VCO divider block, followed by an output divider
block. The output divider blocks each drive with an output
buffer port. Each output buffer port can be configured as a
differential LVDS output, a differential LVPECL output, or two
LVCMOS outputs. Additionally, a CMOS-buffered version
reference clock frequency is available.
The upper PLL in Figure 32, PLL1, is an integer-N PLL. By
setting the feedback divider value (Na), the VCO output
frequency can tuned over the 2.15 GHz to 2.55 GHz range to
integer multiples of the PFD input frequency. By setting each of
the VCO divider (V0 and V1) and output divider (D0 and D1)
values, the VCO frequency can be divided down to the required
output frequency, independently, for each of the output ports,
OUT0 and OUT1. The loop filter required for this PLL is
integrated on chip.
The lower PLL in Figure 32, PLL2, is a fractional-N PLL. This
PLL can optionally operate as an integer-N PLL for optimum
jitter performance. By setting the feedback divider value (Nb)
and the Σ-Δ modulator fractional (FRAC) and modulus (MOD)
values, the VCO output frequency can tune over the 2.15 GHz
to 2.55 GHz range. The VCO frequency is a fractional multiple
of the PFD input frequency. In this way, the VCO frequency can
tune to obtain frequencies that are not constrained to integer
multiples of the PFD frequency. By setting each of the VCO divider
(V2 and V3) and output divider (D2 and D3) values, the VCO
frequency can be divided down to the required output frequency,
independently, for each of the output ports, OUT2 and OUT3.
The loop filters required for this PLL are integrated on chip.
The PLL2 can operate to modulate the output frequency between its
nominal value and a value that is up to −0.5% lower. This provides
spread spectrum modulation up to −0.5% downspread. Spread
spectrum frequency modulation can reduce the peak power output
of the clock source and any circuitry that it drives and lead to
reduced EMI emissions. In the AD9577, the frequency modulation
profile is triangular. The modulation frequency and modulation
range parameters are all programmable.
Both PLLs can be programmed to generate a second independent
frequency map under the control of the MARGIN pin. This
feature can be used to test the frequency robustness of a system.
REFERENCE INPUT AND REFERENCE DIVIDERS
The reference input section is shown in Figure 34. When the
REFSEL pin is pulled high, the crystal oscillator circuit is enabled.
The crystal oscillator circuit needs an external crystal cut to
resonate in fundamental mode in the 19.44 MHz to 27 MHz
range, with 25 MHz being used in most networking applications.
The total load capacitance presented to the crystal should add
up to 14 pF. In the example shown in Figure 34, parasitic trace
capacitance of 1.5 pF and an AD9577 input pin capacitance of
1.5 pF are assumed, with the series combination of the two
22 pF capacitances providing an additional 11 pF. When the
REFSEL pin is pulled low, the crystal oscillator powers down,
and the REFCLK pin must provide a good quality reference clock
instead. Either a dc-coupled LVCMOS level signal or an ac-coupled
square wave can drive this single-ended input, provided that an
external potential divider is used to bias the input at VS/2.
The output of the crystal oscillator and reference input circuitry
is routed to a reference divider circuit to further divide down
the reference input frequency to the PLLs by 1 or 2. When the
crystal oscillator circuit is used, the dividers must be set to
divide by 1. The input frequency to the PLLs must be in the
19.44 MHz to 27 MHz range. The divide ratio is set to 1 by
programming the value of R, Register G0[1], to 0. The divide
ratio is set to 2 by programming the value of R to 1.
XTAL
OSC
DIVIDE
1 OR 2
TO PLLs
REFCLK
REFSEL
22pF
22pF
Figure 34. Reference Input Section and Reference Dividers
Table 17. REFSEL (Pin 9) Definition
REFSEL
Reference Source
0
REFCLK input
1
Crystal oscillator
Table 18. Reference Divider Setting
R, Register G0[1]
Reference Divide Ratio
0
Divide by 1
1
Divide by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com