Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9577 Datasheet HTML 26Page - Analog Devices AD9577 Datasheet HTML 27Page - Analog Devices AD9577 Datasheet HTML 28Page - Analog Devices AD9577 Datasheet HTML 29Page - Analog Devices AD9577 Datasheet HTML 30Page - Analog Devices AD9577 Datasheet HTML 31Page - Analog Devices AD9577 Datasheet HTML 32Page - Analog Devices AD9577 Datasheet HTML 33Page - Analog Devices AD9577 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 30 of 44
OUTPUT CHANNEL DIVIDERS
Between each VCO and its associated chip outputs, there are
two divider stages: a VCO divider that has a divide ratio between
2 and 6 and an output divider that can be set to divide between
1 and 32. This cascade of dividers allows a minimum output
channel divide ratio of 2 and a maximum of 192. With VCO
frequencies ranging between 2.15 GHz and 2.55 GHz, the part
can be programmed to spot frequencies over a continuous
frequency range of from 11.2 MHz to 200 MHz, and it can be
programmed to spot frequencies over a continuous frequency
range of 200 MHz and 637.5 MHz, with only a few small gaps.
Table 19. Divider Ratio Setting Registers
Divider
I2C Registers
Parameter
Divide
Range
Channel 0 VCO divider
ADV0[7:5]
V0
2 to 6
Channel 1 VCO divider
ADV1[7:5]
V1
2 to 6
Channel 2 VCO divider
BDV0[7:5]
V2
2 to 6
Channel 3 VCO divider
BDV1[7:5]
V3
2 to 6
Channel 0 output divider
ADV0[4:0]
D0
1 to 321
Channel 1 output divider
ADV1[4:0]
D1
1 to 321
Channel 2 output divider
BDV0[4:0]
D2
1 to 321
Channel 3 output divider
BDV1[4:0]
D3
1 to 321
1 Set to 00000 for divide by 32.
Asserting the SyncCh01 or SyncCh23 bits (Register ADV2[0]
or Register BDV2[0]) allows each PLL output channel to use a
common VCO divider. This feature allows the OUT0/OUT1 and
OUT2/OUT3 output ports to have minimal skew when their
relative output channel divide ratio is an integer multiple.
Duty-cycle correction circuitry ensures that the output duty cycle
remains at 50%.
V0[2:0]
D0[4:0]
OUT0
OUTPUT
DIVIDER
VCO
DIVIDER
V1[2:0]
D1[4:0]
OUT1
OUTPUT
DIVIDER
VCO
DIVIDER
VCO
V2[2:0]
D2[4:0]
OUT2
OUTPUT
DIVIDER
VCO
DIVIDER
V3[2:0]
D3[4:0]
OUT3
OUTPUT
DIVIDER
VCO
DIVIDER
VCO
Figure 35. Output Channel Divider Signal Path
OUTPUTS
Each output port can be individually configured as either
differential LVPECL, differential LVDS, or two single-ended
LVCMOS clock outputs. The simplified equivalent circuit of the
LVDS outputs is shown in Figure 36.
3.5mA
3.5mA
OUTxP
OUTxN
Figure 36. LVDS Outputs Simplified Equivalent Circuit
The simplified equivalent circuit of the LVPECL outputs is
shown in Figure 37.
3.3V
OUTxP
OUTxN
GND
Figure 37. LVPECL Outputs Simplified Equivalent Circuit
Output channels (consisting of a VCO divider, output divider, and
an output buffer) can be individually powered down to save power.
Setting PDCH1 (Register BP0[1]) and PDCH3 (Register DR1[7])
powers down the respective channel. Setting PDCH0 (Register
BP0[0]) powers down both Channel 0 and Channel 1. Setting
PDCH2 (Register DR1[6]) powers down both Channel 2 and
Channel 3.
Output buffer combinations of LVDS, LVPECL, and CMOS can be
selected by setting DR1[5:0] as is shown in Table 20 and Table 21.
Table 20. PLL1 Output Driver Format Control Bits,
Register DR1[2:0]
FORMAT1 (PLL1)
Register DR1[2:0]
OUT1P/OUT1N
OUT0P/OUT0N
000
LVPECL
LVPECL
001
LVDS
LVDS
010
2 × CMOS
LVPECL
011
2 × CMOS
2 × CMOS
100
2 × CMOS
LVDS
101
LVPECL
LVDS
110
LVPECL
2 × CMOS
1111
2 × CMOS
2 × CMOS
1 This indicates that the CMOS outputs are in phase; otherwise, they are in
antiphase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com