Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 36Page - Analog Devices AD9577BCPZ Datasheet HTML 37Page - Analog Devices AD9577BCPZ Datasheet HTML 38Page - Analog Devices AD9577BCPZ Datasheet HTML 39Page - Analog Devices AD9577BCPZ Datasheet HTML 40Page - Analog Devices AD9577BCPZ Datasheet HTML 41Page - Analog Devices AD9577BCPZ Datasheet HTML 42Page - Analog Devices AD9577BCPZ Datasheet HTML 43Page - Analog Devices AD9577BCPZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 44 of 44
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.20 MIN
4.70
4.60 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD-5
40
1
11
10
20
21
30
31
END VIEW
EXPOSED
PAD
Figure 51. 40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
AD9577BCPZ
−40°C to +85°C
40-Lead LFCSP_WQ
CP-40-7
AD9577BCPZ-RL
−40°C to +85°C
40-Lead LFCSP_WQ, 13”Tape Reel
CP-40-7
2,500
AD9577BCPZ-R7
−40°C to +85°C
40-Lead LFCSP_WQ, 7”Tape Reel
CP-40-7
750
AD9577-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2011–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09284-0-8/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com