Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 4Page - Analog Devices AD9577BCPZ Datasheet HTML 5Page - Analog Devices AD9577BCPZ Datasheet HTML 6Page - Analog Devices AD9577BCPZ Datasheet HTML 7Page - Analog Devices AD9577BCPZ Datasheet HTML 8Page - Analog Devices AD9577BCPZ Datasheet HTML 9Page - Analog Devices AD9577BCPZ Datasheet HTML 10Page - Analog Devices AD9577BCPZ Datasheet HTML 11Page - Analog Devices AD9577BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 8 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
Phase Noise (156.25 MHz CMOS Output)
Nb = 100, Vx = 4, Dx = 4, fPFD = 25 MHz
At 1 kHz
−113
dBc/Hz
At 10 kHz
−119
dBc/Hz
At 100 kHz
−123
dBc/Hz
At 1 MHz
−145
dBc/Hz
At 10 MHz
−154
dBc/Hz
At 30 MHz
−155
dBc/Hz
Phase Noise (155.52 MHz LVPECL Output)
Nb = 112, Vx = 2, Dx = 7, fPFD = 19.44 MHz
At 1 kHz
−112
dBc/Hz
At 10 kHz
−118
dBc/Hz
At 100 kHz
−126
dBc/Hz
At 1 MHz
−147
dBc/Hz
At 10 MHz
−155
dBc/Hz
At 30 MHz
−156
dBc/Hz
Phase Noise (622.08 MHz LVPECL Output)
Nb = 128, Vx = 2, Dx = 2, fPFD = 19.44 MHz
At 1 kHz
−100
dBc/Hz
At 10 kHz
−106
dBc/Hz
At 100 kHz
−112
dBc/Hz
At 1 MHz
−134
dBc/Hz
At 10 MHz
−149
dBc/Hz
At 30 MHz
−150
dBc/Hz
Phase Noise (155.52 MHz LVDS Output)
Nb = 112, Vx = 2, Dx = 7, fPFD = 19.44 MHz
At 1 kHz
−113
dBc/Hz
At 10 kHz
−118
dBc/Hz
At 100 kHz
−126
dBc/Hz
At 1 MHz
−145
dBc/Hz
At 10 MHz
−154
dBc/Hz
At 30 MHz
−155
dBc/Hz
Phase Noise (622.08 MHz LVDS Output)
Nb = 128, Vx = 2, Dx = 2, fPFD = 19.44 MHz
At 1 kHz
−101
dBc/Hz
At 10 kHz
−106
dBc/Hz
At 100 kHz
−112
dBc/Hz
At 1 MHz
−133
dBc/Hz
At 10 MHz
−148
dBc/Hz
At 30 MHz
−150
dBc/Hz
Phase Noise (155.52 MHz CMOS Output)
Nb = 112, Vx = 2, Dx = 7, fPFD = 19.44 MHz
At 1 kHz
−113
dBc/Hz
At 10 kHz
−118
dBc/Hz
At 100 kHz
−126
dBc/Hz
At 1 MHz
−146
dBc/Hz
At 10 MHz
−155
dBc/Hz
At 30 MHz
−155
dBc/Hz
1 x indicates either 2 or 3 for any given test condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com