Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1505 Datasheet(PDF) 2 Page - NEC

Part # 2SC1505
Description  Silicon Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC1505 Datasheet(HTML) 2 Page - NEC

  2SC1505 Datasheet HTML 1Page - NEC 2SC1505 Datasheet HTML 2Page - NEC 2SC1505 Datasheet HTML 3Page - NEC 2SC1505 Datasheet HTML 4Page - NEC 2SC1505 Datasheet HTML 5Page - NEC 2SC1505 Datasheet HTML 6Page - NEC 2SC1505 Datasheet HTML 7Page - NEC 2SC1505 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC1505
データ・シート D14860JJ3V0DS00
2
電気的特性(TA = 25
°°°°C)
項 目
略号
条 件
MIN.
TYP.
MAX.
単位
コレクタしゃ断電流
ICBO
VCB = 200 V, IE = 0 A
100
nA
エミッタしゃ断電流
IEBO
VEB = 5.0 V, IC = 0 A
100
nA
直流電流増幅率
hFE
VCE = 10 V, IC = 10 mA
注
40
80
200
コレクタ飽和電圧
VCE(sat)
IC = 50 mA, IB = 5.0 mA
注
2.0
V
利得帯域幅積
fT
VCE = 30 V, IE = –10 mA
50
80
MHz
コレクタ容量
Cob
VCB = 50 V, IE = 0 A, f = 1.0 MHz
4.5
pF
注 パルス測定 PW ≦ 350
µs, Duty Cycle ≦ 2%
hFE
規格区分
捺印
ML
K
hFE
40
∼80
60
∼120
100
∼200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com