Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1505 Datasheet(PDF) 3 Page - NEC

Part # 2SC1505
Description  Silicon Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC1505 Datasheet(HTML) 3 Page - NEC

  2SC1505 Datasheet HTML 1Page - NEC 2SC1505 Datasheet HTML 2Page - NEC 2SC1505 Datasheet HTML 3Page - NEC 2SC1505 Datasheet HTML 4Page - NEC 2SC1505 Datasheet HTML 5Page - NEC 2SC1505 Datasheet HTML 6Page - NEC 2SC1505 Datasheet HTML 7Page - NEC 2SC1505 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC1505
データ・シート D14860JJ3V0DS00
3
特性曲線(TA = 25
°°°°C)
TOTAL POWER DISSIPATION vs. AMBIENT
TEMPERATURE
周囲温度 TA (˚C)
0
0
100
50
150
16
14
12
10
8
6
4
2
無限大放熱板付
放熱板なし
500
cm
2
25 cm
2
10 cm
2
100
cm
2
50
cm
2
放熱板:
2 mm
アルミ板
TOTAL POWER DISSIPATION vs. AMBIENT
TEMPERATURE
周囲温度 TA (˚C)
0
100
50
150
放熱板なし
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.6
0.8
1.0
0
40
80
120
160
200
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
ベース - エミッタ間電圧 VBE (V)
VCE = 5 V
04
28
612
10
16
14
0
40
80
120
160
200
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
コレクタ - エミッタ間電圧 VCE (V)
IB = 1.0
mA
3.0 mA
2.0 mA
4.0 mA
10 mA
9.0 mA
8.0 mA
7.0 mA
6.0 mA
5.0 mA
0
50
100
150
250
200
0
2
4
6
8
10
12
14
16
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
コレクタ - エミッタ間電圧 VCE (V)
IB = 20 A
40 A
60 A
80 A
100 A
120 A
140 A
160 A
µ
µ
µ
µ
µ
µ
µ
µ
DC CURRENT GAIN vs. COLLECTOR CURRENT
コレクタ電流 IC (mA)
10
1
1
100
1000
10
1000
100
VCE = 10 V
TA = 125˚C
25˚C
−25˚C
75˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com