Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3863L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3863L-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3863L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC3863
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R103-058.H
OPERAT I ON DESCRI PT I ON
The UC3863 devices integrate many useful designs into one controller for low-power switch-mode power
supplies. The following descriptions highlight some of the features of the UC3863 series.
Start-up Current
The start-up current is only 5
μA. Low start-up current allows a start-up resistor with a high resistance and a
low-wattage to supply the start-up power for the controller. For AC/DC adaptor with universal input range design, a
2.5~3M
Ω, 1/8W startup resistor could be used together with a VDD capacitor to provide a fast startup and low power
dissipation solution.
Power-Saving Mode Operation
The proprietary Power-Saving Mode function provides linearly decreasing the switching frequency under
light-load conditions for higher efficiency. The feedback voltage, which is sampled from the voltage feedback loop, is
taken as the reference. Once the feedback voltage dropped below the threshold voltage, the switching frequency
starts to decrease. This Power-Saving Mode function dramatically reduces power consumption under light-load
conditions. The 22KHz minimum frequency control also eliminates the audio noise at any loading conditions.
At zero load condition, the magnitude of power loss is in proportion to the number of switching events within a
fixed period of time. Reducing switching events leads to the reduction on the power loss and thus conserves the
energy. The UC3863 enter burst mode at standby condition to minimize the switching loss and reduces the standby
power consumption. Power supplies using the UC3863 can easily meet even the strictest regulations regarding
standby power consumption.
Switch Frequency Set
The maximum switch frequency is set through the 100K
Ω RI-pin resistor to 65KHz. Switch frequency is
modulated by output power POUT during IC operating. At no load or light load condition, most of the power dissipation
in a switching mode power supply is from switching loss on the MOSFET transistor, the core loss of the transformer
and the loss on the snubber circuit. The magnitude of power loss is in proportion to the number of switching events
within a fixed period of time. So lower switch frequency at lower load, which more and more improve IC’s efficiency
at light load. At from no load to light load condition, The IC will operate at from Burst mode to Reducing Frequency
Mode. The relation curve between fSW and POUT/POUT (MAX) as followed Fig.1. The maximum switch frequency is set
through the RI-pin resistor RI: FSW=6500/RI (K
Ω) KHz.
Fig.1 The relation curve between fSW and relative output power POUT/ POUT (MAX)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com